Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS74 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS74
Description  SN74HCS74-Q1 Automotive Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS74 Datasheet(HTML) 2 Page - Texas Instruments

  SN74HCS74 Datasheet HTML 1Page - Texas Instruments SN74HCS74 Datasheet HTML 2Page - Texas Instruments SN74HCS74 Datasheet HTML 3Page - Texas Instruments SN74HCS74 Datasheet HTML 4Page - Texas Instruments SN74HCS74 Datasheet HTML 5Page - Texas Instruments SN74HCS74 Datasheet HTML 6Page - Texas Instruments SN74HCS74 Datasheet HTML 7Page - Texas Instruments SN74HCS74 Datasheet HTML 8Page - Texas Instruments SN74HCS74 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
Pin Functions.................................................................... 3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings ....................................... 4
6.2 ESD Ratings .............................................................. 4
6.3 Recommended Operating Conditions ........................4
6.4 Thermal Information ...................................................5
6.5 Electrical Characteristics ............................................5
6.6 Switching Characteristics ...........................................5
6.7 Timing Characteristics ................................................6
6.8 Typical Characteristics................................................ 7
7 Parameter Measurement Information............................ 8
8 Detailed Description........................................................9
8.1 Overview..................................................................... 9
8.2 Functional Block Diagram........................................... 9
8.3 Feature Description.....................................................9
8.4 Device Functional Modes..........................................10
9 Application and Implementation.................................. 11
9.1 Application Information..............................................11
9.2 Typical Application.................................................... 11
10 Power Supply Recommendations..............................14
11 Layout........................................................................... 14
11.1 Layout Guidelines................................................... 14
11.2 Layout Example...................................................... 14
12 Device and Documentation Support..........................15
12.1 Documentation Support.......................................... 15
12.2 Receiving Notification of Documentation Updates..15
12.3 Support Resources................................................. 15
12.4 Trademarks.............................................................15
12.5 Electrostatic Discharge Caution..............................15
12.6 Glossary..................................................................15
13 Mechanical, Packaging, and Orderable
Information.................................................................... 16
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (August 2019) to Revision C (November 2020)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Added BQA package information to Device Information.................................................................................... 1
• Added BQA pinout diagram and package information to Pin Configuration and Functions .............................. 3
• Added BQA package to Thermal Information table............................................................................................ 5
Changes from Revision A (June 2019) to Revision B (August 2019)
Page
• Added D package information to Device Information ........................................................................................ 1
• Added D package information to Pin Configuration and Functions ................................................................... 3
• Added D package column to Thermal Information table.....................................................................................5
Changes from Revision * (April 2019) to Revision A (June 2019)
Page
• Datasheet converted from custom to catalog .................................................................................................... 1
SN74HCS74-Q1
SCES894C – APRIL 2019 – REVISED NOVEMBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: SN74HCS74-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com