Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL082ACDG4 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TL082ACDG4
Description  TL08xx FET-Input Operational Amplifiers
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL082ACDG4 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TL082ACDG4 Datasheet HTML 10Page - Texas Instruments TL082ACDG4 Datasheet HTML 11Page - Texas Instruments TL082ACDG4 Datasheet HTML 12Page - Texas Instruments TL082ACDG4 Datasheet HTML 13Page - Texas Instruments TL082ACDG4 Datasheet HTML 14Page - Texas Instruments TL082ACDG4 Datasheet HTML 15Page - Texas Instruments TL082ACDG4 Datasheet HTML 16Page - Texas Instruments TL082ACDG4 Datasheet HTML 17Page - Texas Instruments TL082ACDG4 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
6.12 Electrical Characteristics for TL08xC, TL08xxC, and TL08xI
VCC± = ±15 V (unless otherwise noted)
PARAMETER
TEST
CONDITIONS
TA (1)
TL081C, TL082C,
TL084C
TL081AC, TL082AC,
TL084AC
TL081BC, TL082BC,
TL084BC
TL081I, TL082I,
TL084I
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
VIO
Input offset
voltage
VO = 0,
RS = 50 Ω
25°C
3
15
3
6
2
3
3
6
mV
Full
range
20
7.5
5
9
αVIO
Temperature
coefficient of
input
offset
voltage
VO = 0,
RS = 50 Ω
Full
range
18
18
18
18
μV/°C
IIO
Input offset
current(2)
VO = 0
25°C
5
200
5
100
5
100
5
100
pA
Full
range
2
2
2
10
nA
IIB
Input bias
current(2)
VO = 0
25°C
30
400
30
200
30
200
30
200
pA
Full
range
10
7
7
20
nA
VICR
Common-
mode
input voltage
range
25°C
±11
–12
to
15
±11
–12
to
15
±11
–12
to
15
±11
–12
to
15
V
VOM
Maximum
peak
output
voltage
swing
RL = 10 kΩ
25°C
±12
±13.5
±12
±13.5
±12
±13.5
±12 ±13.5
V
RL ≥ 10 kΩ
Full
range
±12
±12
±12
±12
RL ≥ 2 kΩ
±10
±12
±10
±12
±10
±12
±10
±12
AVD
Large-signal
differential
voltage
amplification
VO = ±10 V,
RL ≥ 2 kΩ
25°C
25
200
50
200
50
200
50
200
V/mV
Full
range
15
15
25
25
B1
Unity-gain
bandwidth
25°C
3
3
3
3
MHz
ri
Input
resistance
25°C
1012
1012
1012
1012
Ω
CMRR
Common-
mode
rejection
ratio
VIC = VICRmin,
VO = 0,
RS = 50 Ω
25°C
70
86
75
86
75
86
75
86
dB
kSVR
Supply-
voltage
rejection
ratio
(ΔVCC±/ΔVIO)
VCC = ±15 V to
±9 V,
VO = 0,
RS = 50 Ω
25°C
70
86
80
86
80
86
80
86
dB
ICC
Supply
current
(each
amplifier)
VO = 0,
No load
25°C
1.4
2.8
1.4
2.8
1.4
2.8
1.4
2.8
mA
VO1/VO2
Crosstalk
attenuation
AVD = 100
25°C
120
120
120
120
dB
(1)
All characteristics are measured under open-loop conditions with zero common-mode voltage, unless otherwise specified. Full range
for TA is 0°C to 70°C for TL08_C, TL08_AC, TL08_BC and –40°C to 85°C for TL08_I.
(2)
Input bias currents of an FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as
shown in Figure 6-52. Pulse techniques must be used that maintain the junction temperature as close to the ambient temperature as
possible.
TL081, TL081A, TL081B
TL082, TL082A, TL082B, TL084, TL084A, TL084B, TL084H
SLOS081J – FEBRUARY 1977 – REVISED NOVEMBER 2020
www.ti.com
14
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TL081 TL081A TL081B TL082 TL082A TL082B TL084 TL084A TL084B TL084H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com