Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C9714AY Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # C9714AY
Description  100 MHz Clock Generator with SSCG and Power Management for Mobile Application
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C9714AY Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button C9714AY Datasheet HTML 3Page - List of Unclassifed Manufacturers C9714AY Datasheet HTML 4Page - List of Unclassifed Manufacturers C9714AY Datasheet HTML 5Page - List of Unclassifed Manufacturers C9714AY Datasheet HTML 6Page - List of Unclassifed Manufacturers C9714AY Datasheet HTML 7Page - List of Unclassifed Manufacturers C9714AY Datasheet HTML 8Page - List of Unclassifed Manufacturers C9714AY Datasheet HTML 9Page - List of Unclassifed Manufacturers C9714AY Datasheet HTML 10Page - List of Unclassifed Manufacturers C9714AY Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
C9714
100 MHz Clock Generator with SSCG and Power Management for Mobile Application
Approved Product
INTERNATIONAL MICROCIRCUITS, INC. 525 LOS COCHES ST.
Rev. 2.0
5/17/2000
MILPITAS, CA 95035 TEL: 408-263-6300 ext. 275 FAX 408-263-6571
Page 7 of 13
Absolute Maximum Ratings
Voltage Relative to VSS:
-0.3V
Voltage Relative to VDD:
0.3V
Storage Temperature:
0ºC to + 125ºC
Operating Temperature:
0ºC to +70ºC
Maximum Power Supply:
7V
This device contains circuitry to protect the inputs
against damage due to high static voltages or electric
field; however, precautions should be taken to avoid
application of any voltage higher than the maximum
rated voltages to this circuit. For proper operation, Vin
should be constrained to the range:
VSS<(Vin)<VDD
Unused inputs must always be tied to an appropriate
logic voltage level (either VSS or VDD).
DC Electrical Characteristics
Characteristic
Symbol
Min
Typ
Max
Units
Conditions
Input Low Voltage
VIL
-
-
0.8
Vdc
Input High Voltage
VIH
2.0
-
-
Vdc
Input Low Current
IIL
-66
µA
Input High Current
IIH
5
µA
Output Low Voltage
IOL = 4mA
VOL
-
-
0.4
Vdc
All Outputs (see buffer spec)
Output High Voltage
IOH = 4mA
VOH
2.4
-
-
Vdc
All Outputs Using 3.3V Power
(see buffer spec)
Tri-State leakage Current
Ioz
-
-
10
µA
Dynamic Supply Current
Idd266
-
-
35
mA
TS# = 1, 100/66 = 0, CS# = 1
(2.5 Volt Supply)
Idd2100
-
-
45
mA
TS# = 1, 100/66 = 0, CS# = 1
Dynamic Supply Current
Idd366
-
-
60
mA
TS# = 1, 100/66 = 1, CS# = 1
(3.3 Volt Supply)
Idd3100
-
-
60
mA
TS# = 1, 100/66 = 1, CS# = 1
Power Down Mode
I2.5PD
-
-
50
µA
PD# at logic low level
Power Down Mode
I3.3PD
-
-
200
µA
PD# at logic low level
VDD = VDDF = VDDP=VDDR =3.3V
±5%, VDDC = 2.5V ±5%,, TA = 0
°°C to +70°°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com