Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C9716JY Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # C9716JY
Description  100 MHz Clock Generator with SSCG and Power Management for Mobile Application
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C9716JY Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button C9716JY Datasheet HTML 3Page - List of Unclassifed Manufacturers C9716JY Datasheet HTML 4Page - List of Unclassifed Manufacturers C9716JY Datasheet HTML 5Page - List of Unclassifed Manufacturers C9716JY Datasheet HTML 6Page - List of Unclassifed Manufacturers C9716JY Datasheet HTML 7Page - List of Unclassifed Manufacturers C9716JY Datasheet HTML 8Page - List of Unclassifed Manufacturers C9716JY Datasheet HTML 9Page - List of Unclassifed Manufacturers C9716JY Datasheet HTML 10Page - List of Unclassifed Manufacturers C9716JY Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
C9716J
100 MHz Clock Generator with SSCG and Power Management for Mobile Application
Preliminary
INTERNATIONAL MICROCIRCUITS, INC. 525 LOS COCHES ST.
Rev. 1.0
4/28/2000
MILPITAS, CA 95035 TEL: 408-263-6300 ext. 275 FAX 408-263-6571
Page 7 of 12
Absolute Maximum Ratings
Voltage Relative to VSS:
-0.3V
Voltage Relative to VDD:
0.3V
Storage Temperature:
0ºC to + 125ºC
Operating Temperature:
0ºC to +70ºC
Maximum Power Supply:
7V
This device contains circuitry to protect the inputs
against damage due to high static voltages or electric
field; however, precautions should be taken to avoid
application of any voltage higher than the maximum
rated voltages to this circuit. For proper operation, Vin
should be constrained to the range:
VSS<(Vin)<VDD
Unused inputs must always be tied to an appropriate
logic voltage level (either VSS or VDD).
DC Parameters
Characteristic
Symbol
Min
Typ
Max
Units
Conditions
Input Low Voltage
VIL
-
-
0.8
Vdc
Input High Voltage
VIH
2.0
-
-
Vdc
Input Low Current
IIL
-66
µA
Input High Current
IIH
5
µA
Output Low Voltage
IOL = 4mA
VOL
-
-
0.4
Vdc
All Outputs (see buffer spec)
Output High Voltage
IOH = 4mA
VOH
2.4
-
-
Vdc
All Outputs Using 3.3V Power
(see buffer spec)
Tri-State leakage Current
Ioz
-
-
10
µA
Dynamic Supply Current
Idd266
-
-
35
mA
TS# = 1, 100/66 = 0, CS# = 1
(2.5 Volt Supply)
Idd2100
-
-
45
mA
TS# = 1, 100/66 = 0, CS# = 1
Dynamic Supply Current
Idd366
-
-
100
mA
TS# = 1, 100/66 = 1, CS# = 1
(3.3 Volt Supply)
Idd3100
-
-
120
mA
TS# = 1, 100/66 = 1, CS# = 1
Power Down Mode
I2.5PD
-
-
200 uA
mA
PD# at logic low level
Power Down Mode
I3.3PD
-
-
100 uA
mA
PD# at logic low level
VDD = VDDF = VDDP=VDDR =3.3V
±5%, VDDC = 2.5V ±5%,, TA = 0ºC to +70ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com