Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5452802 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5452802
Description  Printed-circuit board connector - BCVP-381RF-15 BK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5452802 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5452802 Datasheet HTML 1Page - PHOENIX CONTACT 5452802 Datasheet HTML 2Page - PHOENIX CONTACT 5452802 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/5452802
04/26/2016   Page 1 / 3
Printed-circuit board connector - BCVP-381RF-15 BK - 5452802
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 15, Pitch: 3.81 mm,
Connection method: Screw connection with tension sleeve, Color: black, Contact surface: Tin
The figure shows a 5-pos. version of
the product in gray
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
100 pc
Custom tariff number
85366990
Country of origin
Germany
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27261101
eCl@ss 7.0
27440401
eCl@ss 8.0
27440309
eCl@ss 9.0
27440309
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002637
ETIM 5.0
EC002638


Similar Part No. - 5452802

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452800 PHOENIX-5452800 Datasheet
101Kb / 3P
Printed-circuit board connector - BCVP-381RF-13 BK
5452801 PHOENIX-5452801 Datasheet
101Kb / 3P
Printed-circuit board connector - BCVP-381RF-14 BK
5452803 PHOENIX-5452803 Datasheet
101Kb / 3P
Printed-circuit board connector - BCVP-381RF-16 BK
5452804 PHOENIX-5452804 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF- 2 BK
5452805 PHOENIX-5452805 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF- 3 BK
More results

Similar Description - 5452802

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452803 PHOENIX-5452803 Datasheet
101Kb / 3P
Printed-circuit board connector - BCVP-381RF-16 BK
5452791 PHOENIX-5452791 Datasheet
101Kb / 3P
Printed-circuit board connector - BCVP-381RF- 4 BK
5452794 PHOENIX-5452794 Datasheet
101Kb / 3P
Printed-circuit board connector - BCVP-381RF- 7 BK
5452798 PHOENIX-5452798 Datasheet
101Kb / 3P
Printed-circuit board connector - BCVP-381RF-11 BK
5452800 PHOENIX-5452800 Datasheet
101Kb / 3P
Printed-circuit board connector - BCVP-381RF-13 BK
5452801 PHOENIX-5452801 Datasheet
101Kb / 3P
Printed-circuit board connector - BCVP-381RF-14 BK
5452793 PHOENIX-5452793 Datasheet
101Kb / 3P
Printed-circuit board connector - BCVP-381RF- 6 BK
5452795 PHOENIX-5452795 Datasheet
101Kb / 3P
Printed-circuit board connector - BCVP-381RF- 8 BK
5452796 PHOENIX-5452796 Datasheet
101Kb / 3P
Printed-circuit board connector - BCVP-381RF- 9 BK
5452797 PHOENIX-5452797 Datasheet
101Kb / 3P
Printed-circuit board connector - BCVP-381RF-10 BK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com