Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2021 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SA2021
Description  Silicon PNP epitaxial planer type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SA2021 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SA2021 Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transistors
1
2SA2021
Silicon PNP epitaxial planer type
For general amplification
Complementary to 2SC5609
I Features
• High foward current transfer ratio h
FE
• SSS-mini type package, allowing downsizing and thinning of the
equipment and automatic insertion through the tape packing
I Absolute Maximum Ratings T
a
= 25°C
Unit: mm
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
−60
V
Collector to emitter voltage
VCEO
−50
V
Emitter to base voltage
VEBO
−7V
Peak collector current
ICP
−200
mA
Collector current
IC
−100
mA
Collector power dissipation
PC
100
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB
= −20 V, I
E
= 0
− 0.1
µA
ICEO
VCE
= −10 V, I
B
= 0
−100
µA
Collector to base voltage
VCBO
IC = −10 µA, IE = 0
−60
V
Collector to emitter voltage
VCEO
IC
= −100 µA, I
B
= 0
−50
V
Emitter to base voltage
VEBO
IE
= −10 µA, I
C
= 0
−7V
Forward current transfer ratio
hFE
VCE = −10 V, IC = −2 mA
180
390
Collector to emitter saturation voltage
VCE(sat)
IC
= −100 mA, I
B
= −10 mA
− 0.3
− 0.5
V
Collector output capacitance
Cob
VCB
= −10 V, I
E
= 0, f = 1 MHz
2.7
pF
Transition frequency
fT
VCB = −10 V, IE = 1 mA, f = 200 MHz
80
MHz
I Electrical Characteristics T
a
= 25°C ± 3°C
Marking Symbol: 3E
1: Base
2: Emitter
3: Collector
SSS Mini Type Package (3-pin)
0.33
(0.40)
(0.40)
12
3
5˚
0.80±0.05
1.20±0.05
+0.05
–0.02
0.10
+0.05
–0.02
0.23
+0.05
–0.02


Similar Part No. - 2SA2021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SA202 ETC-2SA202 Datasheet
33Kb / 1P
2SA203
logo
Sanyo Semicon Device
2SA2022 SANYO-2SA2022 Datasheet
51Kb / 5P
DC/DC Converter Applications
2SA2023 SANYO-2SA2023 Datasheet
41Kb / 4P
60V / 5A High-Speed Switching Applications
2SA2025 SANYO-2SA2025 Datasheet
38Kb / 4P
DC/DC Converter Applications
logo
Isahaya Electronics Cor...
2SA2026 ISAHAYA-2SA2026 Datasheet
53Kb / 2P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
More results

Similar Description - 2SA2021

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA1254 PANASONIC-2SA1254 Datasheet
38Kb / 2P
Silicon PNP epitaxial planer type
2SA1309A PANASONIC-2SA1309A Datasheet
35Kb / 2P
Silicon PNP epitaxial planer type
2SA1512 PANASONIC-2SA1512 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type
2SA1531 PANASONIC-2SA1531 Datasheet
50Kb / 3P
Silicon PNP epitaxial planer type
2SA1534 PANASONIC-2SA1534 Datasheet
47Kb / 3P
Silicon PNP epitaxial planer type
2SA1739 PANASONIC-2SA1739 Datasheet
40Kb / 2P
Silicon PNP epitaxial planer type
2SA1982 PANASONIC-2SA1982 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SC5609 PANASONIC-2SC5609 Datasheet
45Kb / 1P
Silicon PNP epitaxial planer type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com