Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMME-AS-80-S-LS-AS Datasheet(PDF) 2 Page - Festo Corporation.

Part # EMME-AS-80-S-LS-AS
Description  Servo motor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

EMME-AS-80-S-LS-AS Datasheet(HTML) 2 Page - Festo Corporation.

  EMME-AS-80-S-LS-AS Datasheet HTML 1Page - Festo Corporation. EMME-AS-80-S-LS-AS Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Permissible axial shaft load
70 N
Permissible radial shaft load
350 N
MTTFd, subcomponent
340 years, rotor position sensor
Product weight
3050 g
Electrical connection technology
Plug
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
Conforms to standard
IEC 60034
12/22/20 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com