Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR3D3133 Datasheet(PDF) 2 Page - Schneider Electric

Part # LR3D3133
Description  TeSys LRD thermal overload relays - 9...13 A - class 10A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LR3D3133 Datasheet(HTML) 2 Page - Schneider Electric

  LR3D3133 Datasheet HTML 1Page - Schneider Electric LR3D3133 Datasheet HTML 2Page - Schneider Electric LR3D3133 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
[Ue] rated operational voltage
690 V AC 0...400 Hz power circuit IEC 60947-4-1
Associated fuse rating
4 A gG signalling circuit
4 A BS signalling circuit
[Uimp] rated impulse withstand voltage
6 kV
Phase failure sensitivity
Tripping current 130 % of Ir on two phase, the last one at 0
Control type
Red push-button stop
Blue push-button reset
Temperature compensation
-4…140 °F (-20…60 °C)
Connections - terminals
Power circuit EverLink BTR screw connectors 1 0.00…0.05 in² (1…35 mm²) flexible without cable
end
Power circuit EverLink BTR screw connectors 1 0.00…0.05 in² (1…35 mm²) flexible with cable end
Power circuit EverLink BTR screw connectors 1 0.00…0.05 in² (1…35 mm²) solid without cable end
Control circuit spring terminals 1 0.00…0.00 in² (1…2.5 mm²) solid without cable end
Control circuit spring terminals 1 0.00…0.00 in² (1…2.5 mm²) flexible without cable end
Tightening torque
Power circuit 44.25 lbf.in (5 N.m) EverLink BTR screw connectors
Height
2.76 in (70 mm)
Width
2.17 in (55 mm)
Depth
4.84 in (123 mm)
Net Weight
0.83 lb(US) (0.375 kg)
Environment
Protective treatment
TH IEC 60068
IP degree of protection
IP20 IEC 60529
Ambient air temperature for operation
-4…140 °F (-20…60 °C) without derating IEC 60947-4-1
Ambient air temperature for storage
-76…158 °F (-60…70 °C)
Flame retardance
V1 UL 94
Mechanical robustness
Shocks15 Gn for 11 ms IEC 60068-2-7
Vibrations4 gn IEC 60068-2-6
Dielectric strength
1.89 kV at 50 Hz conforming to IEC 60947-1
Standards
EN/IEC 60947-4-1
EN/IEC 60947-5-1
UL 60947-4-1
UL 60947-5-1
CSA C22.2 No 60947-4-1
CSA C22.2 No 60947-5-1
GB/T 14048.4
GB/T 14048.5
Product certifications
IEC
UL
CSA
CCC
EAC
DNV-GL
RMRS
EU-RO MR
LROS (Lloyds register of shipping)
Ordering and shipping details
Category
22347 - CONTACTOR,D-LINE,OVERLOADS-NEW
Discount Schedule
I12
GTIN
03389119215947
Nbr. of units in pkg.
1
Package weight(Lbs)
0.99 lb(US) (0.45 kg)
Returnability
No
Country of origin
FR
Packing Units
Package 1 Height
0.700 dm
Package 1 width
1.080 dm
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com