Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4512C Datasheet(PDF) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # AM4512C
Description  N-Channel and P-Channel MOSFET use advanced trench Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

AM4512C Datasheet(HTML) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  AM4512C Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4512C Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4512C Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4512C Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4512C Datasheet HTML 5Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4512C Datasheet HTML 6Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4512C Datasheet HTML 7Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4512C Datasheet HTML 8Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.doingter.cn
—
2 —
N-Electrical Characteristics:(T
C=25℃ unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Sourtce Breakdown Voltage
VGS=-0V,ID=250μA
30
---
---
V
IDSS
Zero Gate Voltage Drain Current
VGS=0V, VDS=24V
---
---
1
μA
---
---
5
IGSS
Gate-Source Leakage Current
VGS=±20V, VDS=0A
---
---
±100
nA
On Characteristics
VGS(th)
GATE-Source Threshold Voltage
VGS=VDS, ID=250μA
0.7
---
1.3
V
RDS(ON)
Drain-Source On Resistance
VGS=10V,ID=6A
---
24
32
mΩ
---
32.3
38
VGS=4.5V,ID=5A
27
36
GFS
Forward Transconductance
VDS=5V, ID=5A
---
9
---
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS=15V, VGS=0V, f=1MHz
---
680
---
pF
Coss
Output Capacitance
---
102
---
Crss
Reverse Transfer Capacitance
---
77
---
Rg
3
Ω
Switching Characteristics
td(on)
Turn-On Delay Time
VDs=-15V, RGEN=2.1
Ω,VGS=10V
---
4.6
---
ns
tr
Rise Time
---
4.1
---
ns
td(off)
Turn-Off Delay Time
---
20.6
---
ns
tf
Fall Time
---
5.2
---
ns
---
mΩ
μA
---
---
VGS=10V
ID=6A
TJ=125℃
Gate resistance
VDS=0V
VGS=0V
f=1.0MHz
AM 4512C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com