Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM560P Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # DM560P
Description  V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM560P Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button DM560P Datasheet HTML 15Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 16Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 17Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 18Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 19Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 20Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 21Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 22Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
DM560P
V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
Preliminary
19
Version: DM560P-DS-P07
August 11, 2000
STATE
ISOLATION
ID BIT = "1H"
SD[1:0] = "01"
LEAVE SD[7:0]
IN HIGH-IMPEDANCE
NO
GET ONE BIT FROM SERIAL IDENTIFIER
READ FROM SERIAL ISOLATION REGISTER
YES
WAIT FOR NEXT READ FROM SERIAL ISOLATION REGISTER
SD[1:0] = "10"
STATE
SLEEP
YES
ID = 0
OTHER CARD ID = 1
READ ALL 72 BITS
FROM SERIAL
IDENTIFIER
DRIVE
"AAH" ON
SD[7:0]
AFTER I/O READ COMPLETES
FETCH NEXT ID BIT FROM
SERIAL IDENTIFIER
ONE CARD
ISOLATED
NO
YES
NO
YES
LEAVE SD[7:0]
IN HIGH IMPEDANCE
NO
DRIVE "55H" ON SD[7:0]
Serial Identifier
The key element of the Plug and Play isolation
protocol is that each card contains a unique number
called a serial identifier. The serial identifier is a 72-bit
unique, non-zero number composed of two 32 bit
fields and an 8-bit checksum.
The first 32-bit field is a vendor identifier. The other
32-bits can be any value, such as a serial number, part
of a LAN address, or a static number, as long as no
two cards in a single system will ever have the same
64-bit number. The serial identifier is accessed bit-
serially by isolation logic, and is used to differentiate
the cards.
Checksum
Serial Number
Vendor ID
BYTE
BYTE BYTE
BYTE
BYTE BYTE
BYTE
BYTE
BYTE
7:0
7:0
7:0
7:0
7:0
7:0
7:0
7:0
7:0
Table 2. Shifting of Serial Identifier
The shift order for all Plug and Play serial isolation and resource data is defined as bit [0], bit [1], and so on through
bit [7].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com