Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36B2 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT36B2
Description  8-Bit Music Synthesizer MCU
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36B2 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT36B2 Datasheet HTML 1Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 2Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 3Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 4Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36B2 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Pad Coordinates
Unit:
mm
Pad No.
X
Y
Pad No.
X
Y
1
-1327.608
1607.250
22
1320.992
-146.680
2
-1321.808
-1607.630
23
1320.992
-46.680
3
-1221.808
-1607.630
24
1320.992
63.920
4
-1111.208
-1607.630
25
1320.992
163.920
5
-1011.208
-1607.630
26
1320.992
274.520
6
-900.608
-1607.630
27
1320.992
374.520
7
-800.608
-1607.630
28
1320.992
485.120
8
-690.008
-1607.630
29
1324.492
1571.300
9
-590.008
-1607.630
30
1211.492
1571.300
10
-479.408
-1607.630
31
1099.052
1571.300
11
-379.408
-1607.630
32
950.392
1571.300
12
-268.808
-1607.630
33
833.168
1571.200
13
-168.808
-1607.630
34
155.316
1571.200
14
-58.208
-1607.630
35
34.192
1604.750
15
41.792
-1607.630
36
-572.908
1604.750
16
152.392
-1607.630
37
-694.032
1607.250
17
252.392
-1607.630
38
-795.808
1607.250
18
362.992
-1607.630
39
-906.408
1607.250
19
462.992
-1607.630
40
-1006.408
1607.250
20
571.392
-1607.630
41
-1117.008
1607.250
21
1320.992
-257.280
42
-1217.008
1607.250
Pad Description
Pad Name
I/O
Internal
Connection
Function
PA0~PA7
I/O
Pull-High
or None
Bidirectional 8-bit Input/Output port, wake-up by mask option
PB0~PB7
I/O
Pull-High
or None
Bidirectional 8-bit Input/Output port
PC0~PC7
I/O
Pull-High
or None
Bidirectional 8-bit Input/Output port
PD0~PD7
I/O
Pull-High
or None
Bidirectional 8-bit Input/Output port
INT
I
Pull-High
External interrupt
RCH
O
¾
R channel audio output
LCH
O
¾
L channel audio output
VDDA
¾¾
DAC power supply
VSSA
¾¾
Negative power supply of DAC, ground
OSC1
OSC2
I
O
¾
OSC1 and OSC2 are connected to an RC network or a crystal (by mask op-
tion) for the internal system clock. In the case of RC operation, OSC2 is the
output terminal for 1/8 system clock. The system clock may come from the
crystal, the two pins cannot be floating.
VSS
¾¾
Negative power supply, ground
VDD
¾¾
Positive power supply
RES
I
¾
Reset input, active low
HT36B2
Rev. 1.00
4
July 3, 2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com