Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4013 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # MP4013
Description  High Power Switching Applications. Hammer Drive, Pulse Motor Drive and Inductive Load Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP4013 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  MP4013 Datasheet HTML 1Page - Toshiba Semiconductor MP4013 Datasheet HTML 2Page - Toshiba Semiconductor MP4013 Datasheet HTML 3Page - Toshiba Semiconductor MP4013 Datasheet HTML 4Page - Toshiba Semiconductor MP4013 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MP4013
2002-11-20
2
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance of junction to
ambient
(4 devices operation, Ta = 25°C)
ΣRth (j-a)
31.3
°C/W
Maximum lead temperature for
soldering purposes
(3.2 mm from case for 10 s)
TL
260
°C
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 60 V, IE = 0 A
―
―
10
µA
Collector cut-off current
ICEO
VCE = 60 V, IB = 0 A
―
―
10
µA
Emitter cut-off current
IEBO
VEB = 8 V, IC = 0 A
0.8
―
4.0
mA
Collector-base breakdown voltage
V (BR) CBO
IC = 100 µA, IE = 0 A
70
80
90
V
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0 A
70
80
90
V
DC current gain
hFE (1)
VCE = 2 V, IC = 1 A
2000
―
―
―
Collector-emitter
VCE (sat)
IC = 1 A, IB = 1 mA
―
―
1.5
Saturation voltage
Base-emitter
VBE (sat)
IC = 1 A, IB = 1 mA
―
―
2.0
V
Transition frequency
fT
VCE = 2 V, IC = 0.5 A
―
100
―
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0 A, f = 1MHz
―
20
―
pF
Turn-on time
ton
―
0.4
―
Storage time
tstg
―
4.0
―
Switching time
Fall time
tf
IB1 = −IB2 = 1 mA, duty cycle ≤ 1%
―
0.6
―
µs
20 µs
VCC = 30 V
Output
IB2
IB1
Input



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com