Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA921 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SA921
Description  Silicon PNP epitaxial planer type(For high breakdown voltage low-noise amplification)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SA921 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SA921 Datasheet HTML 1Page - Panasonic Semiconductor 2SA921 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SA921
Silicon PNP epitaxial planer type
For high breakdown voltage low-noise amplification
Complementary to 2SC1980
s Features
q
High collector to emitter voltage VCEO.
q
Low noise voltage NV.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
3:Base
JEDEC:TO–92
EIAJ:SC–43A
5.0
±0.2
4.0
±0.2
0.45
+0.2
–0.1
0.45
+0.2
–0.1
1.27
1.27
2.54
±0.15
2
13
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
–120
–120
–5
–50
–20
250
150
–55 ~ +150
Unit
V
V
V
mA
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Noise voltage
Symbol
ICBO
ICEO
VCBO
VCEO
VEBO
hFE
*
VCE(sat)
fT
NV
Conditions
VCB = –50V, IE = 0
VCE = –50V, IB = 0
IC = –10µA, IE = 0
IC = –1mA, IB = 0
IE = –10µA, IC = 0
VCE = –5V, IC = –2mA
IC = –20mA, IB = –2mA
VCB = –5V, IE = 2mA, f = 200MHz
VCE = –40V, IC = –1mA, GV = 80dB
Rg = 100kΩ, Function FLAT
min
–120
–120
–5
180
typ
200
max
–100
–1
520
– 0.6
150
Unit
nA
µA
V
V
V
V
MHz
mV
*h
FE Rank classification
Rank
R
S
hFE
180 ~ 360
260 ~ 520


Similar Part No. - 2SA921

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA921 PANASONIC-2SA921 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type
2SA921 PANASONIC-2SA921 Datasheet
71Kb / 3P
For high breakdown voltage low-noise amplification Complementary
More results

Similar Description - 2SA921

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1220 PANASONIC-2SB1220 Datasheet
36Kb / 2P
Silicon PNP epitaxial planer type(For high breakdown voltage low-noise amplification)
2SB1463 PANASONIC-2SB1463 Datasheet
36Kb / 2P
Silicon PNP epitaxial planer type(For high breakdown voltage low-noise amplification)
2SB788 PANASONIC-2SB788 Datasheet
36Kb / 2P
Silicon PNP epitaxial planer type(For high breakdown voltage low-noise amplification)
2SB792 PANASONIC-2SB792 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(For high breakdown voltage low-noise amplification)
2SC2631 PANASONIC-2SC2631 Datasheet
34Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency high breakdown voltage amplification)
2SC2632 PANASONIC-2SC2632 Datasheet
34Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency high breakdown voltage amplification)
2SC4715 PANASONIC-2SC4715 Datasheet
34Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency high breakdown voltage amplification)
2SD1821 PANASONIC-2SD1821 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For high breakdown voltage low-frequency and low-noise amplification)
2SD814 PANASONIC-2SD814 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For high breakdown voltage low-frequency and low-noise amplification)
2SD958 PANASONIC-2SD958 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For high breakdown voltage and low-noise amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com