Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404814FS Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HD404814FS
Description  4-Bit Single-Chip Microcomputer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404814FS Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HD404814FS Datasheet HTML 13Page - Renesas Technology Corp HD404814FS Datasheet HTML 14Page - Renesas Technology Corp HD404814FS Datasheet HTML 15Page - Renesas Technology Corp HD404814FS Datasheet HTML 16Page - Renesas Technology Corp HD404814FS Datasheet HTML 17Page - Renesas Technology Corp HD404814FS Datasheet HTML 18Page - Renesas Technology Corp HD404814FS Datasheet HTML 19Page - Renesas Technology Corp HD404814FS Datasheet HTML 20Page - Renesas Technology Corp HD404814FS Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 100 page
background image
HD404818 Series
15
Functional Description
Registers and Flags
The MCU provides ten registers and two flags for CPU operations. They are illustrated in figure 5 and
described in the following paragraphs.
30
30
30
30
30
30
0
0
0
13
95
1
(B)
(A)
(W)
(X)
(Y)
(SPX)
(SPY)
(CA)
(ST)
(PC)
(SP)
11
11
Accumulator
B register
W register
X register
Y register
SPX register
SPY register
Carry
Status
Program counter
Initial value: 0,
no R/W
Stack pointer
Initial value: $3FF, no R/W
0
(V)
0
0
Initial value: Undefined, R/W
Initial value: Undefined, R/W
V register
Initial value: 0, R/W
Initial value: Undefined, R/W
Initial value: Undefined, R/W
Initial value: Undefined, R/W
Initial value: Undefined, R/W
Initial value: Undefined, R/W
Initial value: Undefined, R/W
Initial value: 1, no R/W
Figure 5 Registers and Flags
Accumulator (A), B Register (B): The accumulator and B register are 4-bit registers which hold the
results of the arithmetic logic unit (ALU), and exchange data between memory, I/O, and other registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com