Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXV7002DPT1 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MPXV7002DPT1
Description  MPXV7002 Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPXV7002DPT1 Datasheet(HTML) 5 Page - NXP Semiconductors

  MPXV7002DPT1 Datasheet HTML 1Page - NXP Semiconductors MPXV7002DPT1 Datasheet HTML 2Page - NXP Semiconductors MPXV7002DPT1 Datasheet HTML 3Page - NXP Semiconductors MPXV7002DPT1 Datasheet HTML 4Page - NXP Semiconductors MPXV7002DPT1 Datasheet HTML 5Page - NXP Semiconductors MPXV7002DPT1 Datasheet HTML 6Page - NXP Semiconductors MPXV7002DPT1 Datasheet HTML 7Page - NXP Semiconductors MPXV7002DPT1 Datasheet HTML 8Page - NXP Semiconductors MPXV7002DPT1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MPXV7002
Sensors
NXP B.V.
5
3
On-Chip Temperature Compensation, Calibration and Signal
Conditioning
The performance over temperature is achieved by integrating the shear-stress strain gauge, temperature compensation,
calibration and signal conditioning circuitry onto a single monolithic chip.
Figure 2 illustrates the Differential or Gauge configuration in the basic chip carrier (Case 482). A gel die coat isolates the die
surface and wire bonds from the environment, while allowing the pressure signal to be transmitted to the sensor diaphragm.
The MPXV7002 series pressure sensor operating characteristics, and internal reliability and qualification tests are based on use
of dry air as the pressure media. Media, other than dry air, may have adverse effects on sensor performance and long-term
reliability. Contact the factory for information regarding media compatibility in your application.
Figure 3 shows the recommended decoupling circuit for interfacing the integrated sensor to the A/D input of a microprocessor or
microcontroller. Proper decoupling of the power supply is recommended.
Figure 4 shows the sensor output signal relative to pressure input. Typical, minimum, and maximum output curves are shown for
operation over a temperature range of 10
° to 60°C using the decoupling circuit shown in Figure 3. The output will saturate outside
of the specified pressure range.
Figure 2. Cross-Sectional Diagram SOP
(not to scale)
Figure 3. Recommended Power Supply Decoupling and Output Filtering
(For additional output filtering, please refer to Application Note AN1646.)
Fluoro Silicone
Gel Die Coat
Wire Bond
Die
P1
Stainless
Steel Cap
Thermoplastic
Case
Die Bond
Differential Sensing
Element
P2
Lead
Frame
+5 V
1.0
μF
0.01
μF
470 pF
GND
Vs
Vout
IPS
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com