Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BHPR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BHPR
Description  250W / 300W TO-227 HIGH POWER RESISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BHPR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BHPR Datasheet HTML 1Page - List of Unclassifed Manufacturers BHPR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specification Items
BPHR 250
BPHR300
Test Conditions
Power Rating
250 Watts
300 Watts
At flange temperature -55 to +25
°C
Resistance Range
1
Ω to 1KΩ
Dual
1
Ω to 1KΩ
Single
Nominal Resistance Series
E24
E24
2.0
Ω and 5.0 Ω also available.
TCR
+/-100 ppm/
°C
+/-100 ppm/
°C
From -55 to +120
°C
Tolerance
+/-5%(J)
+/-5%(J)
Operation Temp. Range
-55 - +120
°C
-55 - +120
°C
Max. Applied Voltage
√(P.R)
Dielectric Withstanding
Voltage
2500V
60 seconds.
Load Life
∆R+/-(1.0 %+0.05 Ω)
25
°C, 90 min.ON, 30min.OFF, 1000hours.
Humidity
∆R +/-(1.0 %+0.05 Ω)
70
°C, 90 to 95%RH, DC0.1W, 1000hours.
Temperature Cycle
∆R +/-(1.0 %+0.05 Ω)
-55
°C, 30 min.,+155°C 30 min., 20 cycles.
 
55
°C, 30 min.,+120C, 30 min., 20 cycles.
Short Time Overload
∆R +/-(0.25 %+0.05 Ω)
(Rated Power×2.5) for 2.5seconds with heat
sink.
Insulation Resistance
Over 1000 M
Ω
Between terminals and flange.
Vibration
∆R +/-(0.25 %+0.05 Ω)
Note: BHPR 250 has two resistors of equal values. (e.g. BHPR250 500 F, has two 50
Ω resistors. See schematic). Current rating: 100A
Maximum.
Ordering Information
BHPR
250
500
J
Model
Power Rating
Tolerance
250 : 250W
J = 5%
Tol
300 ; 300W
Resistance Code
500 : 50
Ω (First two digits significant, last digit: number of trailing zeros)
BHPR
250W / 300W HIGH POWER RESISTORS
2
Temperature Rise, BHPR 300
Temp. Rise
(°C)
0
100
200
300
Applied Power (W)
160
140
120
100
80
60
40
20
Resistor temperature
Flange temperature
Derating Curve, BHPR 250, BHPR 300
Power Rating
%
100
80
60
40
20
0
Flange Temperature (℃)
+25°C
+120°C
-50
0
+50
+100
+150
+200
Materials
Flange: Ni plated copper plate. Substrate: alumina substrate. Resistor: Metal film resistor. Case: Polycarbonate
plastics. Terminals: Ni plated copper alloy to suit screw: 4-M4/10mm.
Using 0.1
°C/W heat sink



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com