Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL-LS1035 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # DL-LS1035
Description  RED LASER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DL-LS1035 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  DL-LS1035 Datasheet HTML 1Page - Sanyo Semicon Device DL-LS1035 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
150
0
Output power vs. Forward current
Forward current IF (mA)
Characteristics
10
100
0
10
20
30
40
Threshold current vs. Temperature
Temperature Tc (°C)
80
60
40
20
100
DL-LS1035
50
30
40
0
30
0
Monitoring current vs. Output power
Output power Po (mW)
10
20
0.5
632
Lasing wavelength vs. Output power
Lasing wavelength Lp (nm)
Po=30mW
Po=20mW
Po=10mW
Tc=25°C
634
636
638
640
642
This is typical data and it may not represent all products.
1.0
-40
-20
0
30
Beam divergence
Angle ( ° )
10
-30
40
0.8
0.6
0.4
0.2
645
0
10
20
30
40
Lasing wavelength vs. Temperature
Temperature Tc (°C)
640
635
630
-10
20
0
25
40°C
20
10
Tc=25°C
Vr(PD)=5V
0.4
0.3
0.2
0.1
Po=30mW
Tc=25°C
Qv
Qh
Po=30mW



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com