Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5548 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5548
Description  Dual, 8-Bit, Programmable, 30mA High-Output-Current DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5548 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5548 Datasheet HTML 7Page - Maxim Integrated Products MAX5548 Datasheet HTML 8Page - Maxim Integrated Products MAX5548 Datasheet HTML 9Page - Maxim Integrated Products MAX5548 Datasheet HTML 10Page - Maxim Integrated Products MAX5548 Datasheet HTML 11Page - Maxim Integrated Products MAX5548 Datasheet HTML 12Page - Maxim Integrated Products MAX5548 Datasheet HTML 13Page - Maxim Integrated Products MAX5548 Datasheet HTML 14Page - Maxim Integrated Products MAX5548 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Dual, 8-Bit, Programmable, 30mA
High-Output-Current DAC
______________________________________________________________________________________
13
SERIAL DATA INPUT
C5
C4
C3
C2
C1
C0
D7–D0, S1 AND S0
FUNCTIONS
000000
XXXXXXXXXX
No operation.
000001
8-bit DAC data
Load DAC data to both DAC registers and both input registers from the
shift register.
000010
8-bit DAC data
Load DAC register A and input register A from the shift register.
000011
8-bit DAC data
Load DAC register B and input register B from the shift register.
000100
8-bit DAC data
Load both channel input registers from the shift register; both DAC
registers are unchanged.
000101
8-bit DAC data
Load input register A from the shift register; DAC register A is
unchanged.
000110
8-bit DAC data
Load input register B from the shift register; DAC register B is
unchanged.
000111
XXXXXXXXXX
Update both DAC registers from their corresponding input registers.
001001
XXXXXXXXXX
Update DAC register A from input register A.
001010
XXXXXXXXXX
Update DAC register B from input register B.
001011
XXXXXXXXXX
Internal reference mode.
001100
XXXXXXXXXX
External reference mode (default mode at power-up).
001101
XXXXXXXXXX
Shut down both DACs.
001110
XXXXXXXXXX
Shut down DACA.
001111
XXXXXXXXXX
Shut down DACB.
010000
XXXXXXXXXX
DACA 1mA–2mA full-scale current range mode (default mode at
power-up)
010001
XXXXXXXXXX
DACA 1.5mA–3mA full-scale current range mode.
010010
XXXXXXXXXX
DACA 2.5mA–5mA full-scale current range mode.
010011
XXXXXXXXXX
DACA 4.5mA–9mA full-scale current range mode.
010100
XXXXXXXXXX
DACA 8mA–16mA full-scale current range mode.
010101
XXXXXXXXXX
DACA 15mA–30mA full-scale current range mode.
101101
XXXXXXXXXX
Power up both channels of the DACs.
101110
XXXXXXXXXX
Power up DACA.
101111
XXXXXXXXXX
Power up DACB.
110000
XXXXXXXXXX
DACB 1mA–2mA full-scale current range mode (default mode at
power-up)
110001
XXXXXXXXXX
DACB 1.5mA–3mA full-scale current range mode.
110010
XXXXXXXXXX
DACB 2.5mA–5mA full-scale current range mode.
110011
XXXXXXXXXX
DACB 4.5mA–9mA full-scale current range mode.
110100
XXXXXXXXXX
DACB 8mA–16mA full-scale current range mode.
110101
XXXXXXXXXX
DACB 15mA–30mA full-scale current range mode.
Table 4. Command Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com