Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9NB50 Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # P9NB50
Description  N-Channel 500V (D-S) Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

P9NB50 Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  P9NB50 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd P9NB50 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd P9NB50 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd P9NB50 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd P9NB50 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd P9NB50 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd P9NB50 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd P9NB50 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd P9NB50 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 8 - Maximum Safe Operating Area
10
102
VDS, Drain-to-Source Voltage (V)
C
iss
C
rss
C
oss
V
GS = 0 V, f = 1 MHz
C
iss = Cgs + Cgd, Cds Shorted
C
rss = Cgd
C
oss = Cds + Cgd
91095_05
105
102
103
104
10
1
1
103
QG, Total Gate Charge (nC)
12.5
10
7.5
5
0
2.5
0
12
60
48
36
24
V
DS = 100 V
V
DS = 250 V
V
DS = 400 V
91095_06
I
D = 14 A
VSD, Source-to-Drain Voltage (V)
0.2
1.4
1.1
0.8
0.5
V
GS = 0 V
91095_07
T
J = 25 °C
T
J = 150 °C
102
10
1
0.1
100 µs
1 ms
10 ms
Operation in this area limited
by R
DS(on)
VDS, Drain-to-Source Voltage (V)
T
C = 25 °C
T
J = 150 °C
Single Pulse
102
103
0.1
1
10
10
102
103
104
91095_08
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
P9NB50
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com