Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK84D Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK84D
Description  POWER MOSPET 130 mAmps, 50 VOLTS p-channel sc-88(sot-363)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK84D Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK84D Datasheet HTML 1Page - First Silicon Co., Ltd FTK84D Datasheet HTML 2Page - First Silicon Co., Ltd FTK84D Datasheet HTML 3Page - First Silicon Co., Ltd FTK84D Datasheet HTML 4Page - First Silicon Co., Ltd FTK84D Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2014. 04. 10
2/5
FTK84D
Revision No : 0
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 µAdc)
V(BR)DSS
50
–
–
Vdc
Zero Gate Voltage Drain Current
(VDS = 25 Vdc, VGS = 0 Vdc)
(VDS = 50 Vdc, VGS = 0 Vdc)
(VDS = 50 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
–
–
–
–
–
–
0.1
15
60
µ
Adc
Gate–Body Leakage Current (VGS = ±20 Vdc, VDS = 0 Vdc)
IGSS
–
–
±
100
nAdc
ON CHARACTERISTICS (Note 1.)
Gate–Source Threaded Voltage
(VDS = VGS, ID = 250 Adc)
VGS(th)
0.8
–
2.0
Vdc
Static Drain–to–Source On–Resistance
(VGS = 5.0 Vdc, ID = 100 mAdc)
rDS(on)
–
5.0
10
Ohms
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 5.0 Vdc)
Ciss
–
42
–
pF
Output Capacitance
(VDS = 5.0 Vdc)
Coss
–
20
–
Transfer Capacitance
(VDG = 5.0 Vdc)
Crss
–
4
–
SWITCHING CHARACTERISTICS (Note 2.)
Turn–On Delay Time
td(on)
–
13
–
ns
Rise Time
(VDD = –15 Vdc, ID = –2.5 Adc,
tr
–
6
–
Turn–Off Delay Time
(VDD
15 Vdc, ID
2.5 Adc,
RL = 50 Ω)
td(off)
–
16
–
Fall Time
tf
–
3
–
Gate Charge
QT
–
6000
–
pC
1. Pulse Test: Pulse Width ≤300 µs, Duty Cycle ≤2%.
2. Switching characteristics are independent of operating junction temperature.
µ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com