Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK123 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK123
Description  N-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK123 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK123 Datasheet HTML 1Page - First Silicon Co., Ltd FTK123 Datasheet HTML 2Page - First Silicon Co., Ltd FTK123 Datasheet HTML 3Page - First Silicon Co., Ltd FTK123 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage
(VGS = 0, ID = 250 µAdc)
V(BR)DSS
100
–
–
Vdc
Zero Gate Voltage Drain Current
(VGS = 0, VDS = 100 Vdc)
TJ = 125 C
IDSS
–
–
–
–
15
60
µAdc
Gate–Body Leakage Current
(VGS = 20 Vdc, VDS = 0)
IGSS
–
–
50
nAdc
ON CHARACTERISTICS (Note 4.)
Gate Threshold Voltage
(VDS= VGS, ID = 1.0 mAdc)
VGS(th)
0.8
–
2.8
Vdc
Static Drain–Source On–Resistance
(VGS= 10 Vdc, ID = 100 mAdc)
rDS(on)
–
5.0
6.0
Ω
Forward Transconductance
(VDS = 25 Vdc, ID = 100 mAdc)
gFS
80
–
–
mmhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS= 25 Vdc, VGS = 0, f = 1.0 MHz)
Ciss
–
20
–
pF
Output Capacitance
(VDS= 25 Vdc, VGS = 0, f = 1.0 MHz)
Coss
–
9.0
–
pF
Reverse Transfer Capacitance
(VDS= 25 Vdc, VGS = 0, f = 1.0 MHz)
Crss
–
4.0
–
pF
SWITCHING CHARACTERISTICS (Note 4.)
Turn–On Delay Time
(VCC = 30 Vdc, IC = 0.28 Adc,
VGS= 10 Vdc, RGS = 50 Ω)
td(on)
–
20
–
ns
Turn–Off Delay Time
td(off)
–
40
–
ns
REVERSE DIODE
Diode Forward On–Voltage
(ID = 034Adc, VGS = 0 Vdc)
VSD
–
–
1.3
V
4. Pulse Test: Pulse Width ≤ 300µs, Duty Cycle ≤ 2.0%.
Characteristic
Symbol
Min
Max
Unit
Typ
TJ = 25 C
2007. 12. 18
2/4
FTK123
Revision No : 0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com