Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK1012S Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK1012S
Description  N-Channel 1.8-V (G-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK1012S Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK1012S Datasheet HTML 1Page - First Silicon Co., Ltd FTK1012S Datasheet HTML 2Page - First Silicon Co., Ltd FTK1012S Datasheet HTML 3Page - First Silicon Co., Ltd FTK1012S Datasheet HTML 4Page - First Silicon Co., Ltd FTK1012S Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
6. ELECTRICAL CHARACTERISTICS (Ta= 25ºC)
Static
Characteristic
Gate Threshold Voltage
(VDS = VGS , ID = 250µA )
Gate-Body Leakage
(VDS = 0 V, VGS = ±4.5 V)
Zero Gate Voltage Drain Current
(VDS = 20 V, VGS = 0 V )
(VDS = 20 V, VGS = 0 V, TJ = 85℃)
On-State Drain Current(Note 1)
(VDS = 5 V, VGS = 4.5 V)
Drain-Source On-State Resistance(Note 1)
(VGS = 4.5 V, ID = 600 mA)
(VGS = 2.5 V, ID = 500 mA)
(VGS = 1.8 V, ID = 350 mA)
Forward Transconductance(Note 1)
(VDS = 10 V, ID = 400 mA)
Diode Forward Voltage(Note 1)
(IS = 150 mA, VGS = 0 V)
Dynamic(Note 2)
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
3.Pulse test; pulse width ≤ 300 µs, duty cycle ≤ 2%.
4.Guaranteed by design, not subject to production testing.
(VDD = 10 V, RL
mA, VGEN = 4.5
td(on)
ns
tr
td(off)
25
tf
11
0.9
0.45
(VDS = 10 V,
VGS = 4.5 V, ID
= 250 mA)
Qg
pC
Qgs
Qgd
225
Symbol
Min.
Max.
Unit
Typ.
IGSS
VSD
nA
-
5
mA
-
-
0.53
0.85
VGS(th)
V
µA
±0.5
±1
-
µA
0.41
0.7
0.7
1.25
gfs
S
1
IDSS
-
ID(on)
700
RDS(on)
V
-
5
5
0.8
1.2
750
75
-
0.3
100
VGS = 0 V, VDS
= 0 V, f = 1MHz
VGS = 0 V, VDS
= 10 V, f = 1MHz
Ciss
Coss
Crss
Ciss
Coss
Crss
12.2
8
pF
pF
80
50
35.6
58.4
N-Channel 1.8-V (G-S) MOSFET
FTK1012S
2020. 02. 05
2/5
Revision No : 0
= 47Ω ,ID=200
V, RG = 10Ω)
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com