Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCC Datasheet(PDF) 2 Page - Silicom Ltd.

Part # RCC
Description  Intel짰 Atom C2000 x86 Network Board with 4 RJ45 GbE and 2 SFP 10GbE Ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

RCC Datasheet(HTML) 2 Page - Silicom Ltd.

  RCC Datasheet HTML 1Page - Silicom Ltd. RCC Datasheet HTML 2Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
Boot Loader
AMI Aptio BIOS or CoreBoot / SeaBIOS
Power
ATX power connector
20W max for board only, 40W including max peripheral power
Temperature
Fanless operating temperature: 0-65C (2-core), 0-45C (4-core)
Fansink required for 8-core CPUs
Storage: -20-85C
Certifications
FCC Part 15 Class B
CE Class B
IC Class A
IEC-60950
RoHS/WEEE
Order Information
P/N
Description
80300-0093-G01
– C2758 CPU (8x 2.4 GHz + QuickAssist, AES-NI)
– 8GB DDR3L with ECC
– 4x Gb Ethernet RJ-45 + 2x 10Gb Ethernet SFP+
– Mini-USB console
– PCIe Gen 2 x8 expansion slot
– 2x SATA3
– 2x USB 2.0 host
– Fan controller
– ATX power input



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com