Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2003BVG Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # P2003BVG
Description  N-Channel 60 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

P2003BVG Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  P2003BVG Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd P2003BVG Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd P2003BVG Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd P2003BVG Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd P2003BVG Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd P2003BVG Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd P2003BVG Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd P2003BVG Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
Transfer Characteristics
Transconductance
0
5
10
15
20
25
0
0.5
1
1.5
2
V
DS - Drain-to-Source Voltage (V)
V
GS = 10 V thru 7 V
V
GS = 3 V
V
GS = 4 V
0
1
2
3
4
5
0
1
2
3
4
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
10
20
30
40
0
3
6
9
12
I
D - Drain Current (A)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
On-Resistance vs. Drain Current
On-Resistance vs. Gate-to-Source Voltage
Gate Charge
0.04
0.06
0.07
0.08
0.09
0.10
0
5
10
15
20
25
I
D - Drain Current (A)
V
GS =4.5V
V
GS = 10 V
0.03
0.06
0.09
0.12
0.15
2
4
6
8
10
V
GS - Gate-to-Source Voltage (V)
T
J = 125 °C
T
J = 25 °C
I
D = 6.6 A
0
2
4
6
8
10
0
6
12
18
24
Q
g - Total Gate Charge (nC)
V
DS = 40 V
V
DS = 15 V
V
DS = 30 V
I
D = 6.6 A
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
P2003BVG
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com