Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3003EDG Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # P3003EDG
Description  P-Channel 30-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

P3003EDG Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  P3003EDG Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd P3003EDG Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd P3003EDG Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd P3003EDG Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd P3003EDG Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd P3003EDG Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd P3003EDG Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd P3003EDG Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd P3003EDG Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
12
24
36
48
60
0.0
0.5
1.0
1.5
2.0
2.5
VDS - Drain-to-Source Voltage (V)
VGS =10thru 4 V
VGS =3 V
VGS = 2 V
0.0
2
0.0
4
0.0
6
0.0
8
0.
10
0.
12
0
1020
304050
60
ID - Drain Current (A)
VGS =10 V
VGS =4.5 V
0
2
4
6
8
10
0
1224
3648
60
ID =10A
Qg - Total Gate Charge (nC)
DS =10 V
V
DS =15 V
V
VDS = 20 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
012345
VGS - Gate-to-Source Voltage (V)
TC = 125 °C
TC = 25 °C
TC = - 55 °C
Crss
0
400
80
1200
1600
2000
0
5
10
15
20
25
Ciss
VDS - Drain-to-Source Voltage (V)
Coss
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (°C)
ID = - 10 A
VGS = - 10 V
VGS = - 4.5 V
0
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
P3003EDG
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com