Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5231-3GDPR5 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CS5231-3GDPR5
Description  500 mA, 3.3 V Linear Regulator with Auxiliary Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5231-3GDPR5 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CS5231-3GDPR5 Datasheet HTML 4Page - ON Semiconductor CS5231-3GDPR5 Datasheet HTML 5Page - ON Semiconductor CS5231-3GDPR5 Datasheet HTML 6Page - ON Semiconductor CS5231-3GDPR5 Datasheet HTML 7Page - ON Semiconductor CS5231-3GDPR5 Datasheet HTML 8Page - ON Semiconductor CS5231-3GDPR5 Datasheet HTML 9Page - ON Semiconductor CS5231-3GDPR5 Datasheet HTML 10Page - ON Semiconductor CS5231-3GDPR5 Datasheet HTML 11Page - ON Semiconductor CS5231-3GDPR5 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CS5231−3
http://onsemi.com
8
The CS5231−3 has been carefully designed to be stable
for output capacitances greater than 10
mF with equivalent
series resistance less than 1.0
W. While careful board layout
is important, the user should have a stable system if these
constraints are met. A graph showing the region of stability
for the CS5231−3 is included in the “Typical Performance
Characteristics” section of this datasheet.
INPUT CAPACITORS AND THE VIN THRESHOLDS
A capacitor placed on the VIN pin will help to improve
transient response. During a load transient, the input
capacitor serves as a charge “reservoir,” providing the
needed extra current until the external power supply can
respond. One of the consequences of providing this current
is an instantaneous voltage drop at VIN due to capacitor
ESR. The magnitude of the voltage change is again the
product of the current change and the capacitor ESR.
It is very important to consider the maximum current step
that can exist in the system. If the change in current is large
enough, it is possible that the instantaneous voltage drop on
VIN will exceed the VIN threshold hysteresis, and the IC will
enter a mode of operation resembling an oscillation. As the
part turns on, the output current IOUT will increase, reaching
current limit during initial charging. Increasing IOUT results
in a drop at VIN such that the shutdown threshold is reached.
The part will turn off, and the load current will decrease. As
IOUT decreases, VIN will rise and the part will turn on,
starting the cycle all over again. This oscillatory operation
is most likely at initial start−up when the output capacitance
is not charged, and in cases where the ramp−up of the VIN
supply is slow. It may also occur during the power transition
when the regulator turns on and the PFET turns off. A 15
ms
delay exists between turn−on of the regulator and the
AuxDrv pin pulling the gate of the PFET high. This delay
prevents “chatter” during the power transitions. During this
interval, the linear regulator will attempt to regulate the
output voltage as 3.3 V. If the output voltage is significantly
below 3.3 V, the IC will go into current limit while trying to
raise VOUT. It is a short−lived phenomenon and is mentioned
here to alert the user that the condition can exist. It is
typically not a problem in applications. Careful choice of the
PFET switch with respect to RDS(ON) will minimize the
voltage drop which the output must charge through to return
to a regulated state. More information is provided in the
section on choosing the PFET switch.
If required, using a few capacitors in parallel to increase
the bulk charge storage and reduce the ESR should give
better performance than using a single input capacitor.
Short, straight connections between the power supply and
VIN lead along with careful layout of the PC board ground
plane will reduce parasitic inductance effects. Wide VIN and
VOUT traces will reduce resistive voltage drops.
CHOOSING THE PFET SWITCH
The choice of the external PFET switch is based on two
main considerations. First, the PFET should have a very low
turn−on threshold. Choosing a switch transistor with
VGS(ON) ≈ 1.0 V will ensure the PFET will be fully enhanced
with only 3.3 V of gate drive voltage. Second, the switch
transistor should be chosen to have a low RDS(ON) to
minimize the voltage drop due to current flow in the switch.
The formula for calculating the maximum allowable
on−resistance is
RDS(ON)MAX +
VAUX(MIN) * VOUT(MIN)
1.5
IOUT(MAX)
where VAUX(MIN) is the minimum value of the auxiliary
supply voltage, VOUT(MIN) is the minimum allowable
output voltage, IOUT(MAX) is the maximum output current
and 1.5 is a “fudge factor” to account for increases in
RDS(ON) due to temperature.
OUTPUT VOLTAGE SENSING
It is not possible to remotely sense the output voltage of
the CS5231−3 since the feedback path to the error amplifier
is not externally available. It is important to minimize
voltage drops due to metal resistance of high current PC
board traces. Such voltage drops can occur in both the
supply traces and the return traces.
The following board layout practices will help to
minimize output voltage errors:
• Always place the linear regulator as close to both load
and output capacitors as possible.
• Always use the widest possible traces to connect the
linear regulator to the capacitor network and to the
load.
• Connect the load to ground through the widest possible
traces.
• Connect the IC ground to the load ground trace at the
point where it connects to the load.
CURRENT LIMIT
The CS5231−3 has internal current limit protection.
Output current is limited to a typical value of 850 mA, even
under output short circuit conditions. If the load current
drain exceeds the current limit value, the output voltage will
be pulled down and will result in an out of regulation
condition. The IC does not contain circuitry to report this
fault.
THERMAL SHUTDOWN
The CS5231−3 has internal temperature monitoring
circuitry. The output is disabled if junction temperature of
the IC reaches 180
°C. Thermal hysteresis is typically 25°C
and allows the IC to recover from a thermal fault without the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com