Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVB187YP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HVB187YP
Description  Silicon Epitaxial Planar Pin Diode for High Frequency Attenuator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVB187YP Datasheet(HTML) 2 Page - Renesas Technology Corp

  HVB187YP Datasheet HTML 1Page - Renesas Technology Corp HVB187YP Datasheet HTML 2Page - Renesas Technology Corp HVB187YP Datasheet HTML 3Page - Renesas Technology Corp HVB187YP Datasheet HTML 4Page - Renesas Technology Corp HVB187YP Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HVB187YP
Rev.1.00 Dec 16, 2004 page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
VR
60
V
Forward current
IF
50
mA
Power dissipation
Pd *
1
100
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Note:
1. Per one device.
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse current
IR
—
—
100
nA
VR = 60 V
Forward voltage
VF
—
—
1.0
V
IF = 10 mA
Capacitance
C
—
—
2.4
pF
VR = 0 V, f = 1 MHz
Forward resistance
rf
3. 5
—
5.5
Ω
IF = 10 mA, f = 100 MHz
ESD-Capability *
1
—
200
—
—
V
C = 200 pF, R = 0
Ω, Both forward
and reverse direction 1 pulse.
Note
: 1. Failure criterion; IR > 100 nA at VR = 60 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com