Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK0959D Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK0959D
Description  100V P-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK0959D Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK0959D Datasheet HTML 1Page - First Silicon Co., Ltd FTK0959D Datasheet HTML 2Page - First Silicon Co., Ltd FTK0959D Datasheet HTML 3Page - First Silicon Co., Ltd FTK0959D Datasheet HTML 4Page - First Silicon Co., Ltd FTK0959D Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
100V P-Channel MOSFETs
Off Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
-100
---
---
V
IDSS
Drain-Source Leakage Current
VDS=-100V , VGS=0V , TJ=25℃
---
---
-1
uA
VDS=-80V , VGS=0V , TJ=85℃
---
---
-10
uA
IGSS
Gate-Source Leakage Current
VGS=± 20V , VDS=0V
---
---
±
100
nA
On Characteristics
RDS(ON)
Static Drain-Source On-Resistance
VGS=-10V , ID=-15A
---
36
45
mΩ
VGS=-4.5V , ID=-10A
---
40
55
mΩ
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =-250uA
-1.2
---
-2.5
V
gfs
Forward Transconductance
VDS=-10V , ID=-5A
---
22
---
S
Dynamic and switching Characteristics
Qg
Total Gate Charge3,4
VDS=-50V , VGS=-10V , ID=-10A
---
98
150
nC
Qgs
Gate-Source Charge3,4
---
16.2
30
Qgd
Gate-Drain Charge3,4
---
13.8
26
Td(on)
Turn-On Delay Time3,4
VDD=-50V , VGS=-10V , RG=25Ω
ID=-5A
---
58
105
ns
Tr
Rise Time3,4
---
24
50
Td(off)
Turn-Off Delay Time3,4
---
215
450
Tf
Fall Time3,4
---
94
180
Ciss
Input Capacitance
VDS=-25V , VGS=0V , F=1MHz
---
6315
9000
pF
Coss
Output Capacitance
---
220
330
Crss
Reverse Transfer Capacitance
---
50
100
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
VG=VD=0V , Force Current
---
---
-30
A
ISM
Pulsed Source Current
---
---
-60
A
VSD
Diode Forward Voltage
VGS=0V , IS=-1A , TJ=25℃
---
---
-1
V
Note :
1.
Repetitive Rating : Pulsed width limited by maximum junction temperature.
2.
VDD=-50V,VGS=-10V,L=0.1mH,IAS=-60A.,Starting TJ=25℃
3.
The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%.
4.
Essentially independent of operating temperature.
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Drain-Source Diode Characteristics and Maximum Ratings
2019. 11. 18
2/5
Revision No : 0
FTK0959D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com