Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK2005DFN23 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK2005DFN23
Description  Dual N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2005DFN23 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK2005DFN23 Datasheet HTML 1Page - First Silicon Co., Ltd FTK2005DFN23 Datasheet HTML 2Page - First Silicon Co., Ltd FTK2005DFN23 Datasheet HTML 3Page - First Silicon Co., Ltd FTK2005DFN23 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2015. 03. 10
1/4
SEMICONDUCTOR
TECHNICAL DATA
FTK2005DFN23
Revision No : 0
Dual N-Channel MOSFET
DESCRIPTION
The FTK2005DFN23 uses advanced trench technology to provide excellent RDS(ON) low gate charge.
It is ESD protected. This device is suitable for use as a uni-directional or bi-directional load switch,facilitated
by its common-drain configuration.
MARKING:
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
DFNWB2× 3-6L-C
Equivalent Circuit
V(BR)DSS
RDS(on)MAX
ID
20V
13mΩ@10V
8A
14mΩ @4.5V
15.5mΩ@3.8V
19mΩ@2.5V
27mΩ@1.8V
Para
l
o
b
m
y
S
r
e
t
e
m
Value
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
ID
A
8
Pulsed Drain Current
IDM *
30
A
Thermal Resistance from Junction to Ambient
RθJA
125
℃/W
Junction Temperature
Tj
0
5
1
℃
Storage Temperature
Tstg
-55~+150
℃
Lead Temperature for Soldering Purposes(1/8’’ from case for 10 s)
TL
260
℃
*Repetitive rating:Pluse width limited by junction temperature.


Similar Part No. - FTK2005DFN23

ManufacturerPart #DatasheetDescription
logo
Fluke Corporation
FTK2000 FLUKE-FTK2000 Datasheet
696Kb / 11P
SimpliFiber® Pro
Rev: 01/02/2018
logo
First Silicon Co., Ltd
FTK2004 FS-FTK2004 Datasheet
653Kb / 4P
20V N-Channel MOSFETs
FTK2007DFN23 FS-FTK2007DFN23 Datasheet
378Kb / 4P
Dual N-Channel MOSFET
More results

Similar Description - FTK2005DFN23

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
KI8810DY KEXIN-KI8810DY Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4828-HF KEXIN-AO4828-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
AO4832-HF KEXIN-AO4832-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4862 KEXIN-AO4862 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4862-HF KEXIN-AO4862-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com