Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP3211-R Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PIP3211-R
Description  TOPFET high side switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3211-R Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PIP3211-R Datasheet HTML 3Page - NXP Semiconductors PIP3211-R Datasheet HTML 4Page - NXP Semiconductors PIP3211-R Datasheet HTML 5Page - NXP Semiconductors PIP3211-R Datasheet HTML 6Page - NXP Semiconductors PIP3211-R Datasheet HTML 7Page - NXP Semiconductors PIP3211-R Datasheet HTML 8Page - NXP Semiconductors PIP3211-R Datasheet HTML 9Page - NXP Semiconductors PIP3211-R Datasheet HTML 10Page - NXP Semiconductors PIP3211-R Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Philips Semiconductors
Product Specification
TOPFET high side switch
PIP3211-R
Fig.4. High side switch measurements schematic.
(current and voltage conventions)
Fig.5. Typical on-state resistance, t
p = 300
µs.
R
ON = f(Tj); parameter VBG; condition IL = 10 A
Fig.6. Typical on-state characteristics, T
j = 25 ˚C.
I
L = f(Tj); parameter VBG; tp = 250
µs
Fig.7. Typical supply characteristics, 25 ˚C.
I
G = f(VBG); parameter VIG
Fig.8. Typical on-state resistance,T
j = 25 ˚C.
R
ON = f(VBG); condition IL = 10 A; tp = 300
µs
Fig.9. Typical operating supply current.
I
G = f(Tj); parameters IL, VBG; condition VIG = 5 V
L
I
S
TOPFET
HSS
B
G
IB
IG
II
IS
IL
VBG
VIG
VSG
RS
VLG
VBL
0
1
2
3
4
5
0
10203040506070
VBG / V
IBG(ON) / mA
OPERATING VIG = 5 V
CLAMPING
OVERVOLTAGE
SHUTDOWN
UNDERVOLTAGE
SHUTDOWN
QUIESCENT VIG = 0 V
0
20
40
60
80
-50
0
50
100
150
200
Tj /
OC
RON / mOhm
VBG = 6 V
9 V =< VBG =< 35 V
typ .
RON / mOhm
20
22
24
26
28
30
32
34
36
38
40
1
10
100
VBG / V
RON max
0
10
20
30
40
50
012
VBL / V
IL / A
5
6
7
VBG / V
> = 8
0
0.5
1.0
1.5
2.0
2.5
3.0
-50
0
50
100
150
200
Tj /
OC
IG / mA
lL > IL(TO)
VBG = 50 V
9 V <= VBG <= 35 V
typ.
lL = 0 A
lL > IL(TO)
September 2001
7
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com