Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N459 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 1N459
Description  Small Signal Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N459 Datasheet(HTML) 1 Page - ON Semiconductor

  1N459 Datasheet HTML 1Page - ON Semiconductor 1N459 Datasheet HTML 2Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Publication Order Number:
1N459/A /D
©2004
Semiconductor Components Industries, LLC.
October-2017,Rev.1
1N459/A
Small Signal Diode
Absolute Maximum Ratings * T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of the diode may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 200 degrees C.
2) These are steady limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Electrical Characteristics T
C = 25°C unless otherwise noted
Symbol
Parameter
Value
Unit
VRRM
Maximum Repetitive Reverse Voltage
200
V
IF(AV)
Average Rectified Forward Current
500
mA
IFSM
Non-repetitive Peak Forward Surge Current
Pulse Width = 1.0 second
Pulse Width = 1.0 microsecond
1.0
4.0
A
A
TSTG
Storage Temperature Range
-65 to +200
°C
TJ
Operating Junction Temperature
175
°C
Symbol
Parameter
Value
Unit
PD
Power Dissipation
500
mW
RθJA
Thermal Resistance, Junction to Ambient
300
°C/W
Symbol
Parameter
Conditions
Min.
Max
Units
VR
Breakdown Voltage
IR = 100µA
200
V
VF
Forward Voltage
1N459A
IF = 3mA
IF = 100mA
1.0
1.0
V
V
IR
Reverse Leakage
1N459
1N459A
VR = 175V
VR = 175V, TA = 150°C
25
5
nA
µA
CT
Total Capacitance
1N459A VR = 0, f = 1.0MHz
6.0
pF
DO-35
Color Band Denotes Cathode


Similar Part No. - 1N459

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N459 FAIRCHILD-1N459 Datasheet
26Kb / 2P
Small Signal Diode
logo
List of Unclassifed Man...
1N459 ETC1-1N459 Datasheet
266Kb / 6P
silicon diode
logo
National Semiconductor ...
1N459 NSC-1N459 Datasheet
38Kb / 2P
High Conductance Low Leakage Diode
logo
Fairchild Semiconductor
1N459 FAIRCHILD-1N459 Datasheet
28Kb / 2P
Small Signal Diode
logo
Microsemi Corporation
1N459 MICROSEMI-1N459 Datasheet
77Kb / 1P
SWITCHING DIODE
More results

Similar Description - 1N459

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BAS29 FAIRCHILD-BAS29 Datasheet
58Kb / 2P
Small Signal Diode
BAS35 FAIRCHILD-BAS35 Datasheet
29Kb / 2P
Small Signal Diode
BAS16 FAIRCHILD-BAS16 Datasheet
48Kb / 4P
Small Signal Diode
FDLL914 FAIRCHILD-FDLL914_07 Datasheet
101Kb / 4P
Small Signal Diode
1N459_0412 FAIRCHILD-1N459_0412 Datasheet
28Kb / 2P
Small Signal Diode
BAV19 FAIRCHILD-BAV19_01 Datasheet
61Kb / 4P
Small Signal Diode
logo
Isahaya Electronics Cor...
MC2836 ISAHAYA-MC2836 Datasheet
239Kb / 4P
SMALL-SIGNAL DIODE
logo
GOOD-ARK Electronics
BAT48 GOOD-ARK-BAT48 Datasheet
105Kb / 3P
Small-Signal Diode
logo
Fairchild Semiconductor
1N4148TA FAIRCHILD-1N4148TA Datasheet
137Kb / 6P
Small Signal Diode
logo
Gaomi Xinghe Electronic...
1N4148WS GXELECTRONICS-1N4148WS Datasheet
544Kb / 2P
Small Signal Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com