Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARRAYC Datasheet(PDF) 4 Page - ON Semiconductor

Part # ARRAYC
Description  Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ARRAYC Datasheet(HTML) 4 Page - ON Semiconductor

  ARRAYC Datasheet HTML 1Page - ON Semiconductor ARRAYC Datasheet HTML 2Page - ON Semiconductor ARRAYC Datasheet HTML 3Page - ON Semiconductor ARRAYC Datasheet HTML 4Page - ON Semiconductor ARRAYC Datasheet HTML 5Page - ON Semiconductor ARRAYC Datasheet HTML 6Page - ON Semiconductor ARRAYC Datasheet HTML 7Page - ON Semiconductor ARRAYC Datasheet HTML 8Page - ON Semiconductor ARRAYC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
ArrayC Series
www.onsemi.com
4
ARRAYC-60035-4P-GEVB
(ARRAYC-60035-4P-BGA Evaluation Board)
The ARRAYC-60035-4P-GEVB is an evaluation board
allowing easy access to the signals of a ARRAYC-60035-
4P-BGA via pins.
The ARRAYC-60035-4P-GEVB has the array on the
front and pins on the back of the PCB. The pins are
compatible with a standard 8-pin DIL socket for evaluation
purposes. Alternatively, the pins can be directly soldered
into through-holes in the user’s readout PCB. Four of the
pins are connected to the anodes of the individual pixels and
the other four pins are connected to the common cathode. An
example
mating
8-pin
DIL
socket
is
the
110-93-308-41-001000 from Mill-Max.
The GEVB PCB is slightly smaller than the actual array,
allowing for tiling.
The GEVB does NOT provide access to the fast output.
Pin. No
Function
1
Anode 1
2
Common Cathode
3
Anode 3
4
Common Cathode
5
Common Cathode
6
Anode 4
7
Common Cathode
8
Anode 2
Schematics for the ARRAYC-60035-4P-GEVB
The complete ARRAYC-60035-4P-GEVB CAD and solder footprint is available to download.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com