Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR-09-H022 Datasheet(PDF) 21 Page - STMicroelectronics

Part # SPEAR-09-H022
Description  SPEAr Head ARM 926, 200K customizable eASIC gates, large IP portfolio SoC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR-09-H022 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button SPEAR-09-H022 Datasheet HTML 17Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 18Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 19Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 20Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 21Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 22Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 23Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 24Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
SPEAR-09-H022
4 Pin Description
21/55
SMI
SMINCS[1]
G21
Serial Flash chip select
TTL bidirectional
buffer,
3.3 V capable,
4 mA drive capability
SMINCS[2]
F22
SMINCS[3]
F21
SMICLK
H20
Output
Serial Flash output clock
TTL bidirectional
buffer,
3.3 V capable,
8 mA drive capability
SMIDATAIN
H21
Input
Serial Flash data in
TTL bidirectional
buffer,
3.3 V capable,
8 mA drive capability,
with Pull Up
SMIDATAOUT
H22
Output
Serial Flash data out
TTL bidirectional
buffer,
3.3 V capable,
8 mA drive capability
UARTs
UART1_RXD
P19
Input
Uart1 RX data
TTL bidirectional
buffer,
3.3 V capable,
4 mA drive capability,
with Pull Down
UART1_TXD
P20
Output
Uart1 TX data
TTL bidirectional
buffer,
3.3 V capable,
4 mA drive capability
UART2_RXD
P21
Input
Uart2 RX data
TTL bidirectional
buffer,
3.3 V capable,
4 mA drive capability,
with Pull Down
UART2_TXD
P22
Output
Uart2 TX data
TTL bidirectional
buffer,
3.3 V capable,
4 mA drive capability
UART3_RXD
R19
Input
Uart3 RX data
TTL bidirectional
buffer,
3.3 V capable,
4 mA drive capability,
with Pull Down
UART3_TXD
R20
Output
Uart3 TX data
TTL bidirectional
buffer,
3.3 V capable,
4 mA drive capability
Table 1.
Pin description by functional groups (continued)
Group
Signal Name
Ball
Direction
Function
Pin Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com