Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC1D50ASC7 Datasheet(PDF) 3 Page - Schneider Electric

Part # LC1D50ASC7
Description  TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 50 A - 575 V AC 50/60 Hz coil
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D50ASC7 Datasheet(HTML) 3 Page - Schneider Electric

  LC1D50ASC7 Datasheet HTML 1Page - Schneider Electric LC1D50ASC7 Datasheet HTML 2Page - Schneider Electric LC1D50ASC7 Datasheet HTML 3Page - Schneider Electric LC1D50ASC7 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Safety reliability level
B10d = 1369863 cycles contactor with nominal load EN/ISO 13849-1
B10d = 20000000 cycles contactor with mechanical load EN/ISO 13849-1
Mechanical durability
6 Mcycles
Maximum operating rate
3600 cyc/h 140 °F (60 °C)
Complementary
Coil technology
Without built-in suppressor module
Control circuit voltage limits
0.3...0.6 Uc -40…158 °F (-40…70 °C) drop-out AC 50/60 Hz
0.8...1.1 Uc -40…140 °F (-40…60 °C) operational AC 50 Hz
0.85...1.1 Uc -40…140 °F (-40…60 °C) operational AC 60 Hz
1...1.1 Uc 140…158 °F (60…70 °C) operational AC 50/60 Hz
Inrush power in VA
140 VA 60 Hz cos phi 0.75 (at 20 °C)
160 VA 50 Hz cos phi 0.75 (at 20 °C)
Hold-in power consumption in VA
13 VA 60 Hz 0.3 68 °F (20 °C))
15 VA 50 Hz 0.3 68 °F (20 °C))
Heat dissipation
4…5 W at 50/60 Hz
Auxiliary contacts type
Mechanically linked 1 NO + 1 NC IEC 60947-5-1
Mirror contact 1 NC IEC 60947-4-1
Signalling circuit frequency
25...400 Hz
Minimum switching current
5 mA signalling circuit
Minimum switching voltage
17 V signalling circuit
Non-overlap time
1.5 ms on de-energisation between NC and NO contact
1.5 ms on energisation between NC and NO contact
Insulation resistance
> 10 MOhm signalling circuit
Contact compatibility
M2
Compatibility code
LC1D
Environment
IP degree of protection
IP20 front face IEC 60529
Protective treatment
TH IEC 60068-2-30
Pollution degree
3
Ambient air temperature for operation
-40…140 °F (-40…60 °C)
140…158 °F (60…70 °C) with derating
Ambient air temperature for storage
-76…176 °F (-60…80 °C)
Operating altitude
0...9842.52 ft (0...3000 m)
Fire resistance
1562 °F (850 °C) IEC 60695-2-1
Flame retardance
V1 UL 94
Mechanical robustness
Vibrations contactor open2 Gn, 5...300 Hz
Vibrations contactor closed4 Gn, 5...300 Hz
Shocks contactor closed15 Gn for 11 ms
Shocks contactor open10 Gn for 11 ms
Height
4.80 in (122 mm)
Width
2.17 in (55 mm)
Depth
4.72 in (120 mm)
Net Weight
1.88 lb(US) (0.855 kg)
Ordering and shipping details
Category
22357 - CTR,TESYS D,OPEN,40-65A AC
Discount Schedule
I12
GTIN
03389118327535
Nbr. of units in pkg.
1
Package weight(Lbs)
1.87 lb(US) (0.85 kg)
Returnability
No
Country of origin
FR
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com