Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSE28LDP3 Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # MSE28LDP3
Description  Voltage Rating 20 to 28 VDC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

MSE28LDP3 Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  MSE28LDP3 Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
Loud
20 to 28 VDC
Specifications:
MSE28LDP3
C
Mallory Sonalert Products,Inc.
Sales Outline Drawing
Voltage Rating
Sound Level Category
Mode of Operation
Slow Double Pulse @ 0.5 PPS
50mA MAX
-40° to +65° C
-40° to +80° C
Valox (UL94V-0), Color: Black
Options
Storage Temperature
Housing Material
3900 ± 500 Hz
Frequency
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mspindy.com
ROHS Compliant
4.0g
Please contact factory.
Weight (Typical)
Dimensions: Inches (mm)
Loudness @ 1 FT
Current Draw
Operating Temperature
85 to 95 dB(A) Typ.


Similar Part No. - MSE28LDP3

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
MSE28LDP3S MSPI-MSE28LDP3S Datasheet
48Kb / 1P
Multi-tone Grounded input
More results

Similar Description - MSE28LDP3

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
MSE28LCH2 MSPI-MSE28LCH2 Datasheet
43Kb / 1P
Voltage Rating 20 to 28 VDC
MSE28LCH2S MSPI-MSE28LCH2S Datasheet
48Kb / 1P
Voltage Rating 20 to 28 VDC
MSE28LCM1 MSPI-MSE28LCM1 Datasheet
43Kb / 1P
Voltage Rating 20 to 28 VDC
MSE28LCM3 MSPI-MSE28LCM3 Datasheet
43Kb / 1P
Voltage Rating 20 to 28 VDC
MSE28LDD7S MSPI-MSE28LDD7S Datasheet
48Kb / 1P
Voltage Rating 20 to 28 VDC
MSE28LDP2S MSPI-MSE28LDP2S Datasheet
48Kb / 1P
Voltage Rating 20 to 28 VDC
MSE28LPS1S MSPI-MSE28LPS1S Datasheet
48Kb / 1P
Voltage Rating 20 to 28 VDC
MSE28LWH1S MSPI-MSE28LWH1S Datasheet
48Kb / 1P
Voltage Rating 20 to 28 VDC
MSE28MPS1S MSPI-MSE28MPS1S Datasheet
48Kb / 1P
Voltage Rating 20 to 28 VDC
MSE28MWH1S MSPI-MSE28MWH1S Datasheet
48Kb / 1P
Voltage Rating 20 to 28 VDC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com