Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSE28LSU2 Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # MSE28LSU2
Description  Fast Speed Up 0.5 -8 PPS in 30 Seconds
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

MSE28LSU2 Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  MSE28LSU2 Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
Loud
20 to 28 VDC
Specifications:
MSE28LSU2
C
Mallory Sonalert Products,Inc.
Sales Outline Drawing
Voltage Rating
Sound Level Category
Mode of Operation
Fast Speed Up @ 0.5 -8 PPS in 30 Seconds
50mA MAX
-40° to +65° C
-40° to +80° C
Valox (UL94V-0), Color: Black
Options
Storage Temperature
Housing Material
3900 ± 500 Hz
Frequency
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mspindy.com
ROHS Compliant
4.0g
Please contact factory.
Weight (Typical)
Dimensions: Inches (mm)
Loudness @ 1 FT
Current Draw
Operating Temperature
85 to 95 dB(A) Typ.


Similar Part No. - MSE28LSU2

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
MSE28LSU2S MSPI-MSE28LSU2S Datasheet
48Kb / 1P
3-Tone Telephone Ringer
More results

Similar Description - MSE28LSU2

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
RSF53H100RC CYNERGY3-RSF53H100RC Datasheet
223Kb / 2P
Available in Nylon, Polypropylene, PPS & PVDF
logo
Mallory Sonalert Produc...
ZT028LACM1R30 MSPI-ZT028LACM1R30 Datasheet
132Kb / 1P
Chime Sound and Light @ 3 Seconds for 30 Seconds, then Flashing Light until Reset
ZT028LACTR30 MSPI-ZT028LACTR30 Datasheet
132Kb / 1P
Continuous for 30 Seconds, then Flashing Light until reset.
ZT028LADP3R MSPI-ZT028LADP3R Datasheet
132Kb / 1P
Slow Double Pulse Sound and Light @ 0.5 PPS
ZT028LAFP1R MSPI-ZT028LAFP1R Datasheet
132Kb / 1P
Fast Pulse Sound and Light @ 10 PPS
SCE120XA2DP3B MSPI-SCE120XA2DP3B Datasheet
55Kb / 1P
Slow Double Pulse @ 0.5 PPS
MSE14LSU2 MSPI-MSE14LSU2 Datasheet
43Kb / 1P
Fast Speed Up 0.5 -8 PPS in 30 Seconds
MSE28MDP3 MSPI-MSE28MDP3 Datasheet
43Kb / 1P
Slow Double Pulse 0.5 PPS
MSE28MSU2 MSPI-MSE28MSU2 Datasheet
43Kb / 1P
Fast Speed Up 0.5 -8 PPS in 30 Seconds
JR16-R-DMDP315 MSPI-JR16-R-DMDP315 Datasheet
173Kb / 1P
Slow Double Pulse @ 0.5 PPS for 15 Seconds, then 0.1s beep @ 1 PPS until reset.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com