Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11DF4 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # 11DF4
Description  Low Forward Voltage drop Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

11DF4 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  11DF4 Datasheet HTML 1Page - Nihon Inter Electronics Corporation 11DF4 Datasheet HTML 2Page - Nihon Inter Electronics Corporation 11DF4 Datasheet HTML 3Page - Nihon Inter Electronics Corporation 11DF4 Datasheet HTML 4Page - Nihon Inter Electronics Corporation 11DF4 Datasheet HTML 5Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
OUTLINE DRAWING
Maximum Ratings
Approx Net Weight:0.33g
Rating
Symbol
11DF4
Unit
Repetitive Peak Reverse Voltage
VRRM
400
V
Non-repetitive Peak Reverse Voltage
VRSM
440
V
Ta=18
°C ∗1
Average Rectified Output Current
IO
1.0
Ta=57
°C ∗2
50Hz Half Sine
Wave Resistive Load
A
RMS Forward Current
IF(RMS)
1.57
A
Surge Forward Current
IFSM
30
50Hz Half Sine Wave,1cycle,
Non-repetitive
A
Operating JunctionTemperature Range
Tjw
- 40 to + 150
°C
Storage Temperature Range
Tstg
- 40 to + 150
°C
Electrical
• Thermal Characteristics
Characteristics
Symbol
Conditions
Min. Typ. Max.
Unit
Peak Reverse Current
IRM
Tj= 25
°C, VRM= VRRM
-
-
20
µA
Peak Forward Voltage
VFM
Tj= 25
°C, IFM= 1.0A
-
-
1.25
V
Reverse Recovery Time
trr
-di/dt=50A/
µs, IFM=1A, Ta=25
-
-
30
ns
∗1 : Without Fin
115
Thermal Resistance
Rth(j-a)
Junction to
Ambient
∗2 : P.C. Board mounted
-
-
81
°C/W
∗1 : Without Fin or P.C. Board
∗2 : P.C. Board mounted(L=8mm,Print Lands =10x10mm,Both Sides)
FRD
Type
Type
Type
Type
::::
11DF4
11DF4
11DF4
11DF4
FEATURES
* Miniature Size
* Ultra - Fast Recovery
* Low Forward Voltage drop
* Low Power Loss, High Efficiency
* High Surge Capability
* 200 Volts thru 400 Volts Types Available
* 52mm Inside Tape Spacing Package Available


Similar Part No. - 11DF4

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
11DF4 EIC-11DF4 Datasheet
93Kb / 2P
ULTRA FAST RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
11DF4 NJSEMI-11DF4 Datasheet
61Kb / 1P
Ultra-Fast Recovery
11DF4 NJSEMI-11DF4 Datasheet
61Kb / 1P
Rectifiers Ultra-Fast Recovery
logo
SUNMATE electronic Co.,...
11DF4 SUNMATE-11DF4 Datasheet
143Kb / 2P
1.0A Axial Leaded Ultra-Fast Rectifier
logo
National Instruments Co...
11DF4 NI-11DF4_15 Datasheet
143Kb / 1P
FRED
More results

Similar Description - 11DF4

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
EA60QC04-F NIEC-EA60QC04-F Datasheet
32Kb / 2P
Low Forward Voltage drop Diode
11EQS03L NIEC-11EQS03L Datasheet
24Kb / 2P
Low Forward Voltage drop Diode
NSD03A10 NIEC-NSD03A10 Datasheet
40Kb / 5P
Low Forward Voltage Drop Diode
GCQ30A04 NIEC-GCQ30A04 Datasheet
30Kb / 2P
Low Forward Voltage drop Diode
EA31FS4 NIEC-EA31FS4 Datasheet
44Kb / 5P
Low Forward Voltage drop Diode
20KDA10 NIEC-20KDA10 Datasheet
41Kb / 5P
Low Forward Voltage drop Diode
GSF10A20B NIEC-GSF10A20B Datasheet
31Kb / 2P
Low Forward Voltage drop Diode
11DQ03L NIEC-11DQ03L Datasheet
37Kb / 6P
Low Forward Voltage drop Diode
11EQ06 NIEC-11EQ06 Datasheet
40Kb / 6P
Low Forward Voltage drop Diode
11EQ09 NIEC-11EQ09 Datasheet
40Kb / 6P
Low Forward Voltage drop Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com