Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK2012 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK2012
Description  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2012 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK2012 Datasheet HTML 1Page - First Silicon Co., Ltd FTK2012 Datasheet HTML 2Page - First Silicon Co., Ltd FTK2012 Datasheet HTML 3Page - First Silicon Co., Ltd FTK2012 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2014.10. 10
2/4
FTK2012
Revision No : 0
Electrical characteristics (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
STATIC PARAMETERS
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =250µA
20
V
Zero gate voltage drain current
IDSS
VDS =20V,VGS = 0V
1
uA
Gate-body leakage current
IGSS
VGS =±10V, VDS = 0V
±100
nA
Gate threshold voltage (note 3)
VGS(th)
VDS =VGS, ID =250µA
0.35
1
V
Drain-source on-resistance(note 3)
RDS(on)
VGS =4.5V, ID =9.7A
11
mΩ
VGS =2.5V, ID =9A
13
mΩ
VGS =1.8V, ID =8.1A
16
mΩ
VGS =1.5V, ID =4.5A
22
mΩ
VGS =1.2V, ID =2.4A
41
mΩ
Forward tranconductance(note 3)
gFS
VDS =4V, ID =9.7A
20
S
Diode forward voltage (note 3)
VSD
IS=10A, VGS = 0V
1.2
V
DYNAMIC PARAMETERS (note 4)
Input Capacitance
Ciss
VDS =4V,VGS =0V,f =1MHz
1800
pF
Output Capacitance
Coss
650
pF
Reverse Transfer Capacitance
Crss
450
pF
Gate Resistance
Rg
f=1MHz
2.5
Ω
SWITCHING PARAMETERS (note 4)
Turn-on delay time
td(on)
VGEN=4.5V,VDD=4V,
ID=10A,Rg=1Ω
RL=0.4Ω
12
20
ns
Turn-on rise time
tr
10
15
ns
Turn-off delay time
td(off)
65
100
ns
Turn-off fall time
tf
20
30
ns
Total Gate Charge
Qg
VDS=4V,VGS=5V
ID=10A
32
nC
Gate-Source Chage
Qgs
2.5
nC
Gage-Drain Charge
Qgd
6.5
nC
Notes :
1.Surface mounted on FR4 board using 1 square inch pad size,1oz copper.
2.Surface mounted on FR4 board using the minimum pad size,1oz copper.
3. Pulse test : Pulse width=300μs, duty cycle≤2%.
4. These parameters have no way to verify.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com