Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK2217DFN22 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK2217DFN22
Description  20V P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2217DFN22 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK2217DFN22 Datasheet HTML 1Page - First Silicon Co., Ltd FTK2217DFN22 Datasheet HTML 2Page - First Silicon Co., Ltd FTK2217DFN22 Datasheet HTML 3Page - First Silicon Co., Ltd FTK2217DFN22 Datasheet HTML 4Page - First Silicon Co., Ltd FTK2217DFN22 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2018.05. 10
3/5
FTK2217DFN22
6.ELECTRICAL CHARACTERISTICS CURVES
Drain Current
T
j - Junction Temperature (℃)
Safe Operation Area
-V
DS - Drain - Source Voltage (V)
Thermal Transient Impedance
Square Wave Pulse Duration (sec)
Power Dissipation
T
j - Junction Temperature (℃)
0
20 40 60 80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T
A=25
oC
0
20 40 60 80 100 120 140 160
0
2
4
6
8
10
12
T
A=25
oC,V
G=-4.5V
0.01
1
10
100
0.01
0.1
1
10
100
1s
T
A=25
oC
10ms
300µs
1ms
100ms
DC
1E-4 1E-3
0.01
0.1
1
10
60
0.01
0.1
1
2
Mounted on 1in2 pad
R
θ
JA : 50
oC/W
0.01
0.02
0.05
0.1
0.2
Single Pulse
Duty = 0.5
Drain-Source On Resistance
Output Characteristics
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
25
30
35
40
-1.8V
-1.5V
-2V
V
GS=-3,-4,-5,-6,-7,-8,-9,-10V
0
8
16
24
32
40
5
10
15
20
25
30
35
40
45
V
GS=-1.8V
V
GS=-4.5V
V
GS=-2.5V
-V
DS - Drain-Source Voltage (V)
-I
D - Drain Current (A)
Revision No : 0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com