Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM7ACTLA Datasheet(PDF) 1 Page - Schneider Electric

Part # TM7ACTLA
Description  line terminator TM7 - M12 - bus CANopen
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM7ACTLA Datasheet(HTML) 1 Page - Schneider Electric

  TM7ACTLA Datasheet HTML 1Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Jan 7, 2021
1
Product data sheet
Characteristics
TM7ACTLA
line terminator TM7 - M12 - bus CANopen
Main
Range of product
Modicon TM7
Accessory / separate
part category
Connection accessories
Product or component
type
Line terminator with M12 connector
Accessory / separate
part type
Line terminator
Accessory / separate
part destination
For measurement by thermocouple
Complementary
Connector type
5 ways 1 male M12
Quantity per set
1
Net weight
0.023 kg
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
12 g
Package 1 Height
1.5 cm
Package 1 width
6.5 cm
Package 1 Length
11 cm
Unit Type of Package 2
S03
Number of Units in Package 2
100
Package 2 Weight
1.6 kg
Package 2 Height
30 cm
Package 2 width
30 cm
Package 2 Length
40 cm
Offer Sustainability
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS
Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
PVC free
Yes
Contractual warranty
Warranty
18 months


Similar Part No. - TM7ACTLA

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM7ACTHA SCHNEIDER-TM7ACTHA Datasheet
92Kb / 1P
connector TM7 - M12 - with temperature probe
Aug 10, 2019
More results

Similar Description - TM7ACTLA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
QSBT40 DIODES-QSBT40 Datasheet
51Kb / 2P
QUAD DATA LINE SCHOTTKY BUS TERMINATOR
DS30195 Rev. 7 - 2
QSBT40 DIODES-QSBT40_1 Datasheet
72Kb / 3P
QUAD DATA LINE SCHOTTKY BUS TERMINATOR
DS30195 Rev. 12 - 2
logo
Pan Jit International I...
PJ4L40 PANJIT-PJ4L40 Datasheet
132Kb / 3P
QUAD SCHOTTKY DATA LINE BUS TERMINATOR
logo
Diodes Incorporated
QSBT40 DIODES-QSBT40_08 Datasheet
106Kb / 3P
QUAD DATA LINE SCHOTTKY BUS TERMINATOR
Rev. 15 - 2 May 2008
logo
Pan Jit International I...
PJ4L40 PANJIT-PJ4L40_08 Datasheet
150Kb / 3P
QUAD SCHOTTKY DATA LINE BUS TERMINATOR
logo
Diodes Incorporated
QSBT40 DIODES-QSBT40_15 Datasheet
85Kb / 4P
QUAD DATA LINE SCHOTTKY BUS TERMINATOR
Rev 16
logo
Pan Jit International I...
PJ4L40W6 PANJIT-PJ4L40W6 Datasheet
132Kb / 5P
QUAD SCHOTTKY DATA LINE BUS TERMINATOR
PJ4L40W6 PANJIT-PJ4L40W6_16 Datasheet
132Kb / 5P
QUAD SCHOTTKY DATA LINE BUS TERMINATOR
logo
Weidmuller
1075460200 WEIDMULLER-1075460200 Datasheet
878Kb / 3P
Bus line, Connecting line, M12 / M12
September 18, 2021
logo
Schneider Electric
TM7NCOM16A SCHNEIDER-TM7NCOM16A Datasheet
274Kb / 12P
CANopen interface I/O block, Modicon TM7, IP67, 16 M12
Apr 12, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com