Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XGSZ3P Datasheet(PDF) 1 Page - Schneider Electric

Part # XGSZ3P
Description  fixing plate - for RFID connection box
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XGSZ3P Datasheet(HTML) 1 Page - Schneider Electric

  XGSZ3P Datasheet HTML 1Page - Schneider Electric XGSZ3P Datasheet HTML 2Page - Schneider Electric XGSZ3P Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Jan 7, 2021
1
Product data sheet
Characteristics
XGSZ3P
fixing plate - for RFID connection box
Product Life Status :
END OF COMMERCIALIZATION
TODAY
JAN 07, 2021
End of Commercialization
End of Standard Service
NOV 03, 2020
NOV 30, 2021
.
Main
Accessory / separate
part designation
Fixing plate
Accessory / separate
part destination
Connection box
Accessory / separate
part type
Fixing plate
Accessory / separate
part category
Mounting and fixing accessories
Range of product
OsiSense XG
Product Life Status :
END OF COMMERCIALIZATION
JAN 07, 2021
End of Commercialization
End of Standard Service
NOV 03, 2020
NOV 30, 2021
Complementary
Product compatibility
TCSAMT31FP
XGSZ33ETH
Net weight
0.195 kg
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
201 g
Package 1 Height
0.3 cm
Package 1 width
7.4 cm
Package 1 Length
15.5 cm
Unit Type of Package 2
S01
Number of Units in Package 2
20
Package 2 Weight
4.241 kg
Package 2 Height
15 cm
Package 2 width
15 cm
Package 2 Length
40 cm


Similar Part No. - XGSZ3P

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XGSZ33EIP SCHNEIDER-XGSZ33EIP Datasheet
122Kb / 4P
Connection box EtherNet/IP - 3 channels for XGCS smart antennas
Jan 7, 2021
XGSZ33ETH SCHNEIDER-XGSZ33ETH Datasheet
122Kb / 4P
Connection box Profibus DP - 3 channels for XGCS smart antennas
Jan 7, 2021
More results

Similar Description - XGSZ3P

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1053046 PHOENIX-1053046 Datasheet
57Kb / 2P
Connection plate - ICS25-F22U-7035
2203891 PHOENIX-2203891 Datasheet
57Kb / 3P
Connection plate - ICS25-F45S-7035
2203895 PHOENIX-2203895 Datasheet
58Kb / 3P
Connection plate - ICS25-F22J-7035
2203896 PHOENIX-2203896 Datasheet
58Kb / 3P
Connection plate - ICS25-F45D15-7035
2203888 PHOENIX-2203888 Datasheet
146Kb / 4P
Connection plate - ICS20-F22S-7035
2203890 PHOENIX-2203890 Datasheet
136Kb / 4P
Connection plate - ICS25-F22S-7035
2203892 PHOENIX-2203892 Datasheet
144Kb / 4P
Connection plate - ICS20-F22A-7035
2203893 PHOENIX-2203893 Datasheet
142Kb / 4P
Connection plate - ICS20-F45D15-7035
logo
HARTING Technology Grou...
09-10-000-9908 HARTING-09-10-000-9908 Datasheet
504Kb / 2P
Han 1A-fixing plate
2021-10-01
logo
Schneider Electric
XCSRZSTK1 SCHNEIDER-XCSRZSTK1 Datasheet
69Kb / 2P
Telemecanique Safety switches XCS, Steel fixing plate for RFID Transducer XCSRK2A*
Sep 21, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com