Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPT60R075CFD7 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPT60R075CFD7
Description  600V CoolMOS짧 CFD7 Power Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPT60R075CFD7 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IPT60R075CFD7 Datasheet HTML 3Page - Infineon Technologies AG IPT60R075CFD7 Datasheet HTML 4Page - Infineon Technologies AG IPT60R075CFD7 Datasheet HTML 5Page - Infineon Technologies AG IPT60R075CFD7 Datasheet HTML 6Page - Infineon Technologies AG IPT60R075CFD7 Datasheet HTML 7Page - Infineon Technologies AG IPT60R075CFD7 Datasheet HTML 8Page - Infineon Technologies AG IPT60R075CFD7 Datasheet HTML 9Page - Infineon Technologies AG IPT60R075CFD7 Datasheet HTML 10Page - Infineon Technologies AG IPT60R075CFD7 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
600VCoolMOSªCFD7PowerTransistor
IPT60R075CFD7
Rev.2.3,2020-11-11
Final Data Sheet
4Electricalcharacteristicsdiagrams
Diagram1:Powerdissipation
TC[°C]
0
25
50
75
100
125
150
0
50
100
150
200
Ptot=f(TC)
Diagram2:Safeoperatingarea
VDS[V]
100
101
102
103
10-3
10-2
10-1
100
101
102
103
1 µs
10 µs
100 µs
1 ms
10 ms
DC
ID=f(VDS);TC=25°C;D=0;parameter:tp
Diagram3:Safeoperatingarea
VDS[V]
100
101
102
103
10-3
10-2
10-1
100
101
102
103
1 µs
1 ms
100 µs
10 µs
10 ms
DC
ID=f(VDS);TC=80°C;D=0;parameter:tp
Diagram4:Max.transientthermalimpedance
tp[s]
10-5
10-4
10-3
10-2
10-1
10-2
10-1
100
0.5
0.2
0.1
0.05
0.02
0.01
single pulse
ZthJC=f(tP);parameter:D=tp/T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com