Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M3 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # RA4M3
Description  Armv8-M architecture with the main extension
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M3 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button RA4M3 Datasheet HTML 60Page - Renesas Technology Corp RA4M3 Datasheet HTML 61Page - Renesas Technology Corp RA4M3 Datasheet HTML 62Page - Renesas Technology Corp RA4M3 Datasheet HTML 63Page - Renesas Technology Corp RA4M3 Datasheet HTML 64Page - Renesas Technology Corp RA4M3 Datasheet HTML 65Page - Renesas Technology Corp RA4M3 Datasheet HTML 66Page - Renesas Technology Corp RA4M3 Datasheet HTML 67Page - Renesas Technology Corp RA4M3 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
Table 2.36
A/D conversion characteristics for unit 0 (2 of 2)
Conditions: PCLKC = 1 to 50 MHz
Parameter
Min
Typ Max Unit Test conditions
High-precision normal-speed
channels
(AN006 to AN009, AN012,
AN013)
Conversion time*1
(Operation at PCLKC =
50 MHz)
Permissible signal
source impedance
Max. = 1 kΩ
0.92 (0.66)*2 —
μs
Sampling in 33
states
Offset error
±1.0 ±2.5 LSB —
Full-scale error
±1.0 ±2.5 LSB —
Absolute accuracy
±2.0 ±4.5 LSB —
DNL differential nonlinearity error
±0.5 ±1.5 LSB —
INL integral nonlinearity error
±1.0 ±2.5 LSB —
Note:
These specification values apply when there is no access to the external memory during A/D conversion. If access occurs during
A/D conversion, values might not fall within the indicated ranges.
The use of PORT0 as digital outputs is not allowed when the 12-Bit A/D converter is used.
The characteristics apply when AVCC0, AVSS0, VREFH0/VREFH, VREFL0, VREFL, and 12-bit A/D converter input voltage are
stable.
Note:
When both unit0 and unit1 are used, do not select the following analog input combinations at the same time except the interleave
function. If selected, values might not fall within the indicated ranges.
● AN100 and AN000 or AN001 or AN002
● AN101 and AN000 or AN001 or AN002 or AN003
● AN102 and AN000 or AN001 or AN002 or AN003 or AN004
Note 1. The conversion time includes the sampling and comparison times. The number of sampling states is indicated for the test
conditions.
Note 2. Values in parentheses indicate the sampling time.
Table 2.37
A/D conversion characteristics for unit 1
Conditions: PCLKC = 1 to 50 MHz
Parameter
Min
Typ Max Unit Test conditions
Frequency
1
50
MHz —
Analog input capacitance
30
pF
Quantization error
±0.5 —
LSB —
Resolution
12
Bits
High-precision high-speed
channels
(AN100 to AN102)
Conversion time*1
(Operation at PCLKC =
50 MHz)
Permissible signal
source impedance
Max. = 1 kΩ
0.52 (0.26)*2 —
μs
Sampling in 13
states
Max. = 400 Ω
0.40 (0.14)*2 —
μs
Sampling in 7 states
VCC = AVCC0 = 3.0
to 3.6 V
3.0 V ≤ VREFH ≤
AVCC0
Offset error
±1.0 ±2.5 LSB —
Full-scale error
±1.0 ±2.5 LSB —
Absolute accuracy
±2.0 ±4.5 LSB —
DNL differential nonlinearity error
±0.5 ±1.5 LSB —
INL integral nonlinearity error
±1.0 ±2.5 LSB —
Normal-precision normal-
speed channels
(AN116 to AN122)
Conversion time*1
(Operation at PCLKC =
50 MHz)
Permissible signal
source impedance
Max. = 1 kΩ
0.92 (0.66)*2 —
μs
Sampling in 33
states
Offset error
±1.0 ±5.5 LSB —
Full-scale error
±1.0 ±5.5 LSB —
Absolute accuracy
±2.0 ±7.5 LSB —
DNL differential nonlinearity error
±0.5 ±4.5 LSB —
INL integral nonlinearity error
±1.0 ±5.5 LSB —
RA4M3 Datasheet
2. Electrical Characteristics
R01DS0368EJ0120 Rev.1.20
Dec 2, 2020
Page 64 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com