Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F52318BDFM Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # R5F52318BDFM
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52318BDFM Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button R5F52318BDFM Datasheet HTML 87Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 88Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 89Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 90Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 91Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 92Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 93Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 94Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 170 page
background image
R01DS0261EJ0120 Rev.1.20
Page 91 of 170
Sep 28, 2018
RX230 Group, RX231 Group
5. Electrical Characteristics
Note:
Do not exceed the permissible total supply current.
Table 5.17
Permissible Output Currents (2)
Conditions: 1.8 V ≤ VCC = VCC_USB = AVCC0 ≤ 5.5 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
Max.
Unit
Permissible output low current
(average value per pin)
Ports 40 to 47, ports 03, 05, 07, port 36, 37
IOL
4.0
mA
Ports other than above
Normal output mode
4.0
High-drive output mode
8.0
Permissible output low current
(maximum value per pin)
Ports 40 to 47, ports 03, 05, 07, ports 36, 37
4.0
Ports other than above
Normal output mode
4.0
High-drive output mode
8.0
Permissible output low current
Total of ports 40 to 47, ports 03, 05, 07
ΣIOL
30
Total of ports 12 to 17, ports 20 to 27, ports 30 to 37, port PJ3
30
Total of ports 50 to 55, ports C0 to C7, ports B0 to B7
30
Total of ports E0 to E7, ports A0 to A7, ports D0 to D4
30
Total of all output pins
60
Permissible output high current
(average value per pin)
Ports 40 to 47, ports 03, 05, 07, ports 36, 37
IOH
–4.0
Ports other than above
Normal output mode
–4.0
High-drive output mode
–8.0
Permissible output high current
(maximum value per pin)
Ports 40 to 47, ports 03, 05, 07, ports 36, 37
–4.0
Ports other than above
Normal output mode
–4.0
High-drive output mode
–8.0
Permissible output high current
Total of ports 40 to 47, ports 03, 05, 07
ΣIOH
–30
Total of ports 12 to 17, ports 20 to 27, ports 30 to 37, port PJ3
–30
Total of ports 50 to 55, ports C0 to C7, ports B0 to B7
–30
Total of ports E0 to E7, ports A0 to A7, ports D0 to D4
–30
Total of all output pins
–60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com