Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

66R Datasheet(PDF) 2 Page - 3M Electronics

Part # 66R
Description  Scotch® Vinyl Electrical Tape 66R
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

66R Datasheet(HTML) 2 Page - 3M Electronics

  66R Datasheet HTML 1Page - 3M Electronics 66R Datasheet HTML 2Page - 3M Electronics 66R Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Scotch
® Vinyl Electrical Tape 66R
2 of 3
Typical Properties
Not for specifications. Values are typical, not to be considered minimum or maximum.
Properties measured at room temperature 73°F (23°C) unless otherwise stated.
Physical Properties (Test Method)
Typical Value
US units (metric)
Temperature Rating – UL510
220ºF (105ºC)
Color
Black
Thickness (ASTM D-1000)
10 mils (0,254 mm)
Breaking Strength (ASTM D-1000)
25 lbs./in. (44 N/cm)
Ultimate Elongation (ASTM D-1000)
250%
Adhesion to Steel (ASTM D-1000)
20 oz./in. (2,2 N/cm)
Adhesion to Backing (ASTM D-1000)
20 oz./in. (2,2 N/cm)
Flammability (ASTM D-1000)
UL 510
Pass
Electrical Properties (Test Method)
Typical Value
US units (metric)
Dielectric Strength (ASTM D-1000)
Standard Condition
After Humidity Condition
>10,000 Volts
>90% of Standard
Insulation Resistance (ASTM D-1000)
>10
6 Megohms
Note: These are typical values and should not be used for specification purposes.
Installation
Techniques
The tape shall be applied in half-lapped layers with sufficient tension to
produce a uniform wind (for most applications this tension will reduce the
tape’s width to approximately 5/8 of its original width). On pigtail splices, the
tape shall be wrapped beyond the end of the wires and then folded back,
leaving a protective cushion to resist cut-through. Wrap tape up-hill, taping
from a smaller diameter surface to a larger diameter surface. Apply the tape
with no tension on the last wrap to prevent flagging.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com