Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS19580LSNBTN-FDIHBO Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ATS19580LSNBTN-FDIHBO
Description  Direction Sensor IC for Gear Tooth Sensing
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS19580LSNBTN-FDIHBO Datasheet(HTML) 2 Page - Allegro MicroSystems

  ATS19580LSNBTN-FDIHBO Datasheet HTML 1Page - Allegro MicroSystems ATS19580LSNBTN-FDIHBO Datasheet HTML 2Page - Allegro MicroSystems ATS19580LSNBTN-FDIHBO Datasheet HTML 3Page - Allegro MicroSystems ATS19580LSNBTN-FDIHBO Datasheet HTML 4Page - Allegro MicroSystems ATS19580LSNBTN-FDIHBO Datasheet HTML 5Page - Allegro MicroSystems ATS19580LSNBTN-FDIHBO Datasheet HTML 6Page - Allegro MicroSystems ATS19580LSNBTN-FDIHBO Datasheet HTML 7Page - Allegro MicroSystems ATS19580LSNBTN-FDIHBO Datasheet HTML 8Page - Allegro MicroSystems ATS19580LSNBTN-FDIHBO Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Large Air Gap, GMR Transmission Speed and Direction
Sensor IC for Gear Tooth Sensing
ATS19580
2
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
-
Calibra on Mode Non-Direcon Pulses
O –Blanked, no output during calibra on
Y –Pulses allowed during calibra on
Running Mode Non-Direcon Pulses
B –Blanked, no output during Running mode
P –Pulses allowed during Running mode
Vibraon Immunity
H– High vibra on immunity (recommended)
L –Low vibra on immunity with immediate direcon change detecon
Pulse Widths (Typical)
I –Intermediate, Forward = 60 µs, Reverse = 120 µs, Non-Direcon= 30 µs
N –Narrow, Forward = 45 µs, Reverse = 90 µs, Non-Direcon= 180 µs
W –Wide, Forward = 45 µs, Reverse = 180 µs, Non-Direcon= 360 µs
Number of Pulses
S –Single, one pulse per tooth-valley pair
Forward Rotaon Direcon
F –pin 1 to pin 3
R –pin 3 to pin 1
Packing Type
Package Designaon
Operang Temperature Range
Allegro Idenfier and Device Type
Configura on Opons
ATS19580 L
SN
TN -
Internal Capacitor
B – 10 nF capacitor
L – 22 nF capacitor
Fault Detecon Mode
A –ASIL Protocol Enabled
[Blank] –ASIL Protocol Disabled
-
D–Dual, two pulses per tooth-valley pair
SELECTION GUIDE*
Part Number
Packing
Fault Detection Mode
ATS19580LSNBTN-FSNHPO-A
Tape and reel, 13-in. reel, 800 pieces per reel
Enabled
ATS19580LSNBTN-RSNHPO-A
Tape and reel, 13-in. reel, 800 pieces per reel
Enabled
* Not all combinations are available. Contact Allegro sales for availability and pricing of custom programming options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com