Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3103 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3103
Description  3M™ Mining Cable Splice Kits,
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3103 Datasheet(HTML) 2 Page - 3M Electronics

  3103 Datasheet HTML 1Page - 3M Electronics 3103 Datasheet HTML 2Page - 3M Electronics 3103 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M
™ Mining Cable Splice Kits, 3100 Series
2 of 3
Features
• High quality tapes - for demanding flexible cable application
• Easy installation - simply rebuild the layers of the cable using compatible tapes
• Complete kit – includes tapes that match the cable construction
Applications
For splicing flexible power cable rated from 600 V to 15 kV:
• For in-line splicing
• For power feeder circuits
• For use with standard in-line crimp or parallel (crow’s foot) connectors
• For repair and splicing of mine conduit
Physical and
3M
™ Mining Cable Splice Kits, 3100 Series can be used on cables with a rated
Electrical
operating temperature of 90°C, and an emergency ov erload rating of 130°C. A splice
Properties
constructed using the 3103 kit is rated up to 15 kV. The current rating of the splice
meets or exceeds the current rating for the cables on which it is installed.
Splice Selection Table
*Cables up to 500 kcmil (250 mm
2) will require the use of additional tapes
Typical Dimensions (Installed Splice)
NOTE: Overall splice diameters will vary according to cable type and cable
insulation diameter. Splice diameter may be slightly larger than the cable
diameter, dependant on the amount of mining tape build up.
Typical Physical and Electrical Properties
See individual tape Data Sheets
Specifications
Open Specification
For splicing of flexible power cables rated up to 15 kV, including the following cable
types, flat and round: W, G, W-GC, G-GC, SHD-GC, MPF and MPF-GC.
Kit Number
Voltage Class
Conductor
Size Range
3100
600 V – 2 kV
6 AWG – 1/0 AWG*
(14 – 50 mm
2)
3103
5 – 15 kV
6 AWG – 1 AWG*
(14 – 38 mm
2)
3104
2 kV
6 AWG – 1/0 AWG*
(14 – 50 mm
2)
Kit Number
Typical Length
Inches (cm)
3100 Series
30 (76,2)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com