Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7276-2D Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE7276-2D
Description  Ultra Low Current Consumption 20
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7276-2D Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE7276-2D Datasheet HTML 1Page - Infineon Technologies AG TLE7276-2D Datasheet HTML 2Page - Infineon Technologies AG TLE7276-2D Datasheet HTML 3Page - Infineon Technologies AG TLE7276-2D Datasheet HTML 4Page - Infineon Technologies AG TLE7276-2D Datasheet HTML 5Page - Infineon Technologies AG TLE7276-2D Datasheet HTML 6Page - Infineon Technologies AG TLE7276-2D Datasheet HTML 7Page - Infineon Technologies AG TLE7276-2D Datasheet HTML 8Page - Infineon Technologies AG TLE7276-2D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TLE7276-2
Pin Configuration
Data Sheet
4
Rev. 1.0, 2009-06-01
3
Pin Configuration
3.1
Pin Assignment PG-SSOP-14 Exposed Pad
Figure 2
Pin Configuration (top view)
3.2
Pin Definitions and Functions PG-SSOP-14 Exposed Pad
Pin No.
Symbol Function
1,2,3,5,7
n.c.
non connected
can be open or connected to GND
4GND
Ground
6EN
Enable Input
high level input signal enables the IC;
low level input signal disables the IC;
integrated pull-down resistor
8,10,11,12,14 n.c.
non connected
can be open or connected to GND
9Q
Output
block to ground with a capacitor close to the IC terminals, respecting the values given
for its capacitance and ESR in “Functional Range” on Page 6
13
I
Input
block to ground directly at the IC with a ceramic capacitor
Pad
–
Exposed Pad
connect to GND and heatsink area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com