Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F56514FDFB Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # R5F56514FDFB
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56514FDFB Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button R5F56514FDFB Datasheet HTML 28Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 29Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 30Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 31Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 32Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 33Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 34Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 35Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 246 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0230 Rev.2.30
Page 32 of 246
Jun 20, 2019
Note:
Note the following regarding pin names. For details, see section 1.5, Pin Assignments.
- When a letter “-A”, “-B”, etc. to indicate group membership is appended to the pin name, each pin is recommended to use in
combination with the pins in the same group.
All RSPI, QSPI, SDHI, MMC, GLCDC AC timings are measured in combination with the pins in the same group.
- When the pin functions have “-DS” appended to their names, they can also be used as triggers for release from deep software
standby.
- RIIC pin functions that have [FM+] appended to their names support fast-mode plus.
I/O ports
P00 to P03, P05, P07
I/O
6-bit input/output pins
P10 to P17
I/O
8-bit input/output pins
P20 to P27
I/O
8-bit input/output pins
P30 to P37
I/O
8-bit input/output pins (P35: input pin)
P40 to P47
I/O
8-bit input/output pins
P50 to P57
I/O
8-bit input/output pins
P60 to P67
I/O
8-bit input/output pins
P70 to P77
I/O
8-bit input/output pins
P80 to P87
I/O
8-bit input/output pins
P90 to P97
I/O
8-bit input/output pins
PA0 to PA7
I/O
8-bit input/output pins
PB0 to PB7
I/O
8-bit input/output pins
PC0 to PC7
I/O
8-bit input/output pins
PD0 to PD7
I/O
8-bit input/output pins
PE0 to PE7
I/O
8-bit input/output pins
PF0 to PF5
I/O
6-bit input/output pins
PG0 to PG7
I/O
8-bit input/output pins
PJ0 to PJ3, PJ5
I/O
5-bit input/output pins
Table 1.4
Pin Functions (8/8)
Classifications
Pin Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com