Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP600 Datasheet(PDF) 9 Page - 3M Electronics

Part # DP600
Description  3M™ Scotch-Weld™ Urethane
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP600 Datasheet(HTML) 9 Page - 3M Electronics

Back Button DP600 Datasheet HTML 4Page - 3M Electronics DP600 Datasheet HTML 5Page - 3M Electronics DP600 Datasheet HTML 6Page - 3M Electronics DP600 Datasheet HTML 7Page - 3M Electronics DP600 Datasheet HTML 8Page - 3M Electronics DP600 Datasheet HTML 9Page - 3M Electronics DP600 Datasheet HTML 10Page - 3M Electronics DP600 Datasheet HTML 11Page - 3M Electronics DP600 Datasheet HTML 12Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
3M™Scotch-Weld™ Urethane AdhesivesDP600
Self-Leveling and DP600NS
9
A. Overlap Shear (ASTM D1002)
Overlap Shear (ASTM D-1002-64, 3M Test Method C-236) strength was
measured on 1" wide x 1/2" overlap specimen. These bonds were made
individually using 1" x 4" pieces of substrates except for Aluminum. Two
panels 0.063 in. thick, 4 in. x 7y in of 2024T-3 clad aluminum were
bonded and cut into 1 in. wide samples after 24 hours. The thickness of the
adhesive bond line was approximately 0.005". All strengths were
measured at 73°F (23°C) except when noted.
The separation rate of the testing jaws was 0.1 in. per minute for metals, 2 in.
per minute for plastics and 20 in. per minute for rubbers. The thickness of the
substrates were: steel, 0.060 in.; other metals, 0.05-0.064 in.; rubbers,
0.125in.; plastics, 0.125 in. and samples were allowed to cure at 75°F (24°C)
and approximately 50% RH for 1 week before tested. The separation rate of the
testing jaws was 0.1 inch per minute for metals and 2 inches per minute for
plastics.
B. Floating Roller Peel (Bell Peel) (ASTM D3167)
Bell peel strengths were measured on 1/2 in. wide bonds at the
temperatures noted. The testing jaw separation rate was 6 in. per minute.
The bonds were made with 0.064 in. bonded to 0.025 in. thick adherends.
C. Cure Cycle
All bonds were cured 7 days at 73°F (23°C) at 50% RH before testing or
subjected to further conditioning or environmental aging.
Directions for Use
3M™ Scotch-Weld™ Urethane Adhesives DP600 Self-Leveling and DP600NS are
supplied in dual syringe plastic duo-pak cartridges as part of the 3M™ EPX™
Applicator System. The duo-pak cartridges are supplied in 50 ml configuration. To
use the EPX cartridge system simply insert the duo-pak cartridge into the EPX
applicator. Next, remove the duo-pak cartridge cap and expel a small amount of
adhesive to be sure both sides of the duo-pak cartridge are flowing evenly and
freely. If simultaneous mixing of Part A and Part B is desired, attach the EPX mixing
nozzle to the duo-pak cartridge and begin dispensing the adhesive.
When mixing Part A and Part B manually the components must be mixed in the
ratio indicated in the typical uncured properties section of this data sheet.
Complete mixing of the two components is required to obtain optimum
properties.
Two-part mixing/proportioning/dispensing equipment is available for intermittent
or production line use. These systems are ideal for line uses because of their
variable shot size and flow rate characteristics and are adaptable to most
applications.
Apply adhesive to clean, dry surfaces, joint parts and secure until adhesive sets.
Handling and
Application
Information
for Adhesive
Bonding
Substrates and
Testing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com